Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2011A20E/P Datasheet(PDF) 133 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 133 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 129Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 130Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 131Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 132Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 133Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 134Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 135Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 136Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 131
dsPIC30F2011/2012/3012/3013
17.8
Peripheral Module Disable (PMD)
Registers
The Peripheral Module Disable (PMD) registers pro-
vide a method to disable a peripheral module by stop-
ping all clock sources supplied to that module. When a
peripheral is disabled via the appropriate PMD control
bit, the peripheral is in a minimum power consumption
state. The Control and Status registers associated with
the peripheral will also be disabled so writes to those
registers will have no effect and read values will be
invalid.
A peripheral module will only be enabled if both the
associated bit in the the PMD register is cleared and
the peripheral is supported by the specific dsPIC DSC
variant. If the peripheral is present in the device, it is
enabled in the PMD register by default.
17.9
In-Circuit Debugger
When MPLAB® ICD2 is selected as a Debugger, the In-
Circuit Debugging functionality is enabled. This func-
tion allows simple debugging functions when used with
MPLAB IDE. When the device has this feature enabled,
some of the resources are not available for general
use. These resources include the first 80 bytes of Data
RAM and two I/O pins.
One of four pairs of Debug I/O pins may be selected by
the user using configuration options in MPLAB IDE.
These pin pairs are named EMUD/EMUC, EMUD1/
EMUC1, EMUD2/EMUC2 and EMUD3/EMUC3.
In each case, the selected EMUD pin is the Emulation/
Debug Data line, and the EMUC pin is the Emulation/
Debug Clock line. These pins will interface to the
MPLAB ICD 2 module available from Microchip. The
selected pair of Debug I/O pins is used by MPLAB
ICD 2 to send commands and receive responses, as
well as to send and receive data. To use the In-Circuit
Debugger function of the device, the design must
implement ICSP connections to MCLR, VDD, VSS,
PGC, PGD and the selected EMUDx/EMUCx pin pair.
This gives rise to two possibilities:
1.
If EMUD/EMUC is selected as the Debug I/O pin
pair, then only a 5-pin interface is required, as
the EMUD and EMUC pin functions are multi-
plexed with the PGD and PGC pin functions in
all dsPIC30F devices.
2.
If EMUD1/EMUC1, EMUD2/EMUC2 or EMUD3/
EMUC3 is selected as the Debug I/O pin pair,
then a 7-pin interface is required, as the
EMUDx/EMUCx pin functions (x = 1, 2 or 3) are
not multiplexed with the PGD and PGC pin
functions.
Note:
If a PMD bit is set, the corresponding mod-
ule is disabled after a delay of 1 instruction
cycle. Similarly, if a PMD bit is cleared, the
corresponding module is enabled after a
delay of 1 instruction cycle (assuming the
module Control registers are already
configured to enable module operation).
Note:
In the dsPIC30F2011, dsPIC30F3012 and
dsPIC30F2012 devices, the U2MD bit is
readable and writable and will be read as
‘1’ when set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com