Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2012A20E/P Datasheet(PDF) 131 Page - Microchip Technology

Part # DSPIC30F2012A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A20E/P Datasheet(HTML) 131 Page - Microchip Technology

Back Button DSPIC30F2012A20E/P Datasheet HTML 127Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 128Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 129Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 130Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 131Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 132Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 133Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 134Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 129
dsPIC30F2011/2012/3012/3013
17.4
Watchdog Timer (WDT)
17.4.1
WATCHDOG TIMER OPERATION
The primary function of the Watchdog Timer (WDT) is
to reset the processor in the event of a software mal-
function. The WDT is a free-running timer which runs
off an on-chip RC oscillator, requiring no external com-
ponent. Therefore, the WDT timer will continue to oper-
ate even if the main processor clock (e.g., the crystal
oscillator) fails.
17.4.2
ENABLING AND DISABLING
THE WDT
The Watchdog Timer can be “Enabled” or “Disabled”
only through a Configuration bit (FWDTEN) in the
Configuration register, FWDT.
Setting FWDTEN = 1 enables the Watchdog Timer. The
enabling is done when programming the device. By
default, after chip erase, FWDTEN bit = 1. Any device
programmer
capable
of
programming
dsPIC30F
devices allows programming of this and other Configu-
ration bits.
If enabled, the WDT will increment until it overflows or
“times out”. A WDT time-out will force a device Reset
(except during Sleep). To prevent a WDT time-out, the
user must clear the Watchdog Timer using a CLRWDT
instruction.
If a WDT times out during Sleep, the device will wake-
up. The WDTO bit in the RCON register will be cleared
to indicate a wake-up resulting from a WDT time-out.
Setting FWDTEN = 0 allows user software to enable/
disable the Watchdog Timer via the SWDTEN
(RCON<5>) control bit.
17.5
Low Voltage Detect
The Low Voltage Detect (LVD) module is used to detect
when the VDD of the device drops below a threshold
value, VLVD, which is determined by the LVDL<3:0>
bits (RCON<11:8>) and is thus user programmable.
The internal voltage reference circuitry requires a nom-
inal amount of time to stabilize, and the BGST bit
(RCON<13>) indicates when the voltage reference has
stabilized.
In some devices, the LVD threshold voltage may be
applied externally on the LVDIN pin.
The LVD module is enabled by setting the LVDEN bit
(RCON<12>).
17.6
Power-Saving Modes
There are two power-saving states that can be entered
through the execution of a special instruction, PWRSAV;
these are Sleep and Idle.
The format of the PWRSAV instruction is as follows:
PWRSAV <parameter>
, where ‘parameter’ defines
Idle or Sleep mode.
17.6.1
SLEEP MODE
In Sleep mode, the clock to the CPU and peripherals is
shut down. If an on-chip oscillator is being used, it is
shut down.
The Fail-Safe Clock Monitor is not functional during
Sleep since there is no clock to monitor. However,
LPRC clock remains active if WDT is operational during
Sleep.
The brown-out protection circuit and the Low-Voltage
Detect circuit, if enabled, will remain functional during
Sleep.
The processor wakes up from Sleep if at least one of
the following conditions has occurred:
• any interrupt that is individually enabled and
meets the required priority level
• any Reset (POR, BOR and MCLR)
• WDT time-out
On waking up from Sleep mode, the processor will
restart the same clock that was active prior to entry into
Sleep mode. When clock switching is enabled, bits
COSC<2:0> will determine the oscillator source that
will be used on wake-up. If clock switch is disabled,
then there is only one system clock.
If the clock source is an oscillator, the clock to the
device will be held off until OST times out (indicating a
stable oscillator). If PLL is used, the system clock is
held off until LOCK = 1 (indicating that the PLL is
stable). In either case, TPOR, TLOCK and TPWRT delays
are applied.
If EC, FRC, LPRC or ERC oscillators are used, then a
delay of TPOR (~ 10
μs) is applied. This is the smallest
delay possible on wake-up from Sleep.
Moreover, if LP oscillator was active during Sleep and
LP is the oscillator used on wake-up, then the start-up
delay will be equal to TPOR. PWRT delay and OST
timer delay are not applied. In order to have the small-
est possible start-up delay when waking up from Sleep,
one of these faster wake-up options should be selected
before entering Sleep.
Note:
If a POR or BOR occurred, the selection of
the oscillator is based on the FOS<2:0>
and FPR<4:0> Configuration bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com