Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2012A20E/P Datasheet(PDF) 134 Page - Microchip Technology

Part # DSPIC30F2012A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A20E/P Datasheet(HTML) 134 Page - Microchip Technology

Back Button DSPIC30F2012A20E/P Datasheet HTML 130Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 131Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 132Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 133Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 134Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 135Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 136Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 137Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 205 page
background image
TABLE 17-7:
SYSTEM INTEGRATION REGISTER MAP
TABLE 17-8:
DEVICE CONFIGURATION REGISTER MAP
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
RCON
0740
TRAPR
IOPUWR
BGST
LVDEN
LVDL<3:0>
EXTR
SWR
SWDTEN
WDTO
SLEEP
IDLE
BOR
POR
(Note 1)
OSCCON
0742
—COSC<2:0>
—
NOSC<2:0>
POST<1:0>
LOCK
—CF
—
LPOSCEN
OSWEN
(Note 2)
OSCTUN
0744
—
—
—
—
—
—
—
—
—
—
—
—
TUN3
TUN2
TUN1
TUN0
(Note 2)
PMD1
0770
—
—
T3MD
T2MD
T1MD
—
—
—I2CMD
U2MD(3)
U1MD
—
SPI1MD
—
—
ADCMD
0000 0000 0000 0000
PMD2
0772
—
—
—
—
—
—IC2MD
IC1MD
—
—
—
—
—
—OC2MD
OC1MD
0000 0000 0000 0000
Note
1:
Reset state depends on type of Reset.
2:
Reset state depends on Configuration bits.
3:
Only available on dsPIC30F3013.
File Name
Addr.
Bits 23-16
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FOSC
F80000
—
FCKSM<1:0>
—
—
—
FOS<2:0>
—
—
—FPR<4:0>
FWDT
F80002
—FWDTEN
—
—
—
—
—
—
—
—
—
FWPSA<1:0>
FWPSB<3:0>
FBORPOR
F80004
—
MCLREN
—
—
—
—
Reserved(1)
Reserved(1)
Reserved(1)
BOREN
—
BORV<1:0>
—
—FPWRT<1:0>
FGS
F8000A
—
—
—
—
—
—
—
—
—
—
—
—
—
—Reserved(1)
GCP
GWRP
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
Note
1: Always reads as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com