Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2012A20E/P Datasheet(PDF) 161 Page - Microchip Technology

Part # DSPIC30F2012A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A20E/P Datasheet(HTML) 161 Page - Microchip Technology

Back Button DSPIC30F2012A20E/P Datasheet HTML 157Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 158Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 159Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 160Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 161Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 162Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 163Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 164Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 159
dsPIC30F2011/2012/3012/3013
TABLE 20-18: AC CHARACTERISTICS: INTERNAL RC ACCURACY(2)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
Internal FRC Jitter @ FRC Freq. = 7.37 MHz(1)
OS62
FRC
—
+0.04
+0.16
%
-40°C
≤ TA ≤ +85°C
VDD = 3.0-3.6V
—+0.07
+0.23
%
-40°C
≤ TA ≤ +125°C
VDD = 4.5-5.5V
FRC with 4x PLL
—
+0.31
+0.62
%
-40°C
≤ TA ≤ +85°C
VDD = 3.0-3.6V
—+0.34
+0.77
%
-40°C
≤ TA ≤ +125°C
VDD = 4.5-5.5V
FRC with 8x PLL
—
+0.44
+0.87
%
-40°C
≤ TA ≤ +85°C
VDD = 3.0-3.6V
—+0.48
+1.08
%
-40°C
≤ TA ≤ +125°C
VDD = 4.5-5.5V
FRC with 16x PLL
—
+0.71
+1.23
%
-40°C
≤ TA ≤ +125°C
VDD = 4.5-5.5V
Internal FRC Accuracy @ FRC Freq. = 7.37 MHz(1)
OS63
FRC
—
—
+1.50
%
-40°C
≤ TA ≤ +125°C
VDD = 3.0-5.5V
Internal FRC Drift @ FRC Freq. = 7.37 MHz(1)
OS64
-0.7
—
0.5
%
-40°C
≤ TA ≤ +85°C
VDD = 3.0-3.6V
-0.7
—
0.7
%
-40°C
≤ TA ≤ +125°C
VDD = 3.0-3.6V
-0.7
—
0.5
%
-40°C
≤ TA ≤ +85°C
VDD = 4.5-5.5V
-0.7
—
0.7
%
-40°C
≤ TA ≤ +125°C
VDD = 4.5-5.5V
Note 1:
Frequency calibrated at 7.372 MHz ±2%, 25°C and 5V. TUN bits (OSCCON<3:0>) can be used to
compensate for temperature drift.
2:
Overall FRC variation can be calculated by adding the absolute values of jitter, accuracy and drift
percentages.
TABLE 20-19: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
LPRC @ Freq. = 512 kHz(1)
OS65
-35
—
+35
%
—
Note 1:
Change of LPRC frequency as VDD changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com