Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2012A20E/P Datasheet(PDF) 162 Page - Microchip Technology

Part # DSPIC30F2012A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A20E/P Datasheet(HTML) 162 Page - Microchip Technology

Back Button DSPIC30F2012A20E/P Datasheet HTML 158Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 159Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 160Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 161Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 162Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 163Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 164Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 165Page - Microchip Technology DSPIC30F2012A20E/P Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 160
© 2006 Microchip Technology Inc.
FIGURE 20-5:
CLKO AND I/O TIMING CHARACTERISTICS
TABLE 20-20: CLKO AND I/O TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic(1)(2)(3)
Min
Typ(4)
Max
Units
Conditions
DO31
TIOR
Port output rise time
—
7
20
ns
—
DO32
TIOF
Port output fall time
—
7
20
ns
—
DI35
TINP
INTx pin high or low time (output)
20
—
—
ns
—
DI40
TRBP
CNx high or low time (input)
2 TCY
——
ns
—
Note 1:
These parameters are asynchronous events not related to any internal clock edges
2:
Measurements are taken in RC mode and EC mode where CLKO output is 4 x TOSC.
3:
These parameters are characterized but not tested in manufacturing.
4:
Data in “Typ” column is at 5V, 25°C unless otherwise stated.
Note: Refer to Figure 20-3 for load conditions.
I/O Pin
(Input)
I/O Pin
(Output)
DI35
Old Value
New Value
DI40
DO31
DO32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com