Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07EPZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP07EPZ
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07EPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP07EPZ Datasheet HTML 3Page - Analog Devices OP07EPZ Datasheet HTML 4Page - Analog Devices OP07EPZ Datasheet HTML 5Page - Analog Devices OP07EPZ Datasheet HTML 6Page - Analog Devices OP07EPZ Datasheet HTML 7Page - Analog Devices OP07EPZ Datasheet HTML 8Page - Analog Devices OP07EPZ Datasheet HTML 9Page - Analog Devices OP07EPZ Datasheet HTML 10Page - Analog Devices OP07EPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
OP07
Rev. G | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
1000
0
200
400
600
800
900
100
300
500
700
–50
–75
100
50
0
–25
125
75
25
TEMPERATURE (°C)
VS = ±15V
Figure 3. Open-Loop Gain vs. Temperature
30
25
20
15
10
5
0
–20
0
20
40
60
80
100
TIME (Seconds)
VS = ±15V
TA = 25°C, TA = 70°C
THERMAL
SHOCK
RESPONSE
BAND
DEVICE IMMERSED
IN 70°C OIL BATH
Figure 4. Offset Voltage Change due to Thermal Shock
OP07C
OP07E
25
20
15
10
5
0
0
1
2
3
4
5
TIME AFTER SUPPLY TURN-ON (Minutes)
VS = ±15V
TA = 25°C
Figure 5. Warm-Up Drift
1.0
0.8
0.6
0.4
0.2
0
100
1k
10k
100k
MATCHED OR UNMATCHED SOURCE RESISTANCE (Ω)
OP07E
OP07C
VS = ±15V
TA = 25°C
Figure 6. Maximum Error vs. Source Resistance
1.2
1.0
0.8
0.6
0.4
0.2
0
100
1k
10k
100k
MATCHED OR UNMATCHED SOURCE RESISTANCE (Ω)
VS = ±15V
0°C ≤ TA ≤ 70°C
OP07C
OP07E
Figure 7. Maximum Error vs. Source Resistance
30
–30
–20
–10
0
10
20
–30
–20
–10
30
20
10
0
DIFFERENTIAL INPUT VALUE (V)
AT |VDIFF| ≤ 1.0V, | IB | ≤ 7nA (OP07C)
VS = ±15V
TA = 25°C
Figure 8. Input Bias Current vs. Differential Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com