Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07EPZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP07EPZ
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07EPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP07EPZ Datasheet HTML 4Page - Analog Devices OP07EPZ Datasheet HTML 5Page - Analog Devices OP07EPZ Datasheet HTML 6Page - Analog Devices OP07EPZ Datasheet HTML 7Page - Analog Devices OP07EPZ Datasheet HTML 8Page - Analog Devices OP07EPZ Datasheet HTML 9Page - Analog Devices OP07EPZ Datasheet HTML 10Page - Analog Devices OP07EPZ Datasheet HTML 11Page - Analog Devices OP07EPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP07
Data Sheet
Rev. G | Page 8 of 16
4
3
2
1
0
TEMPERATURE (°C)
–50
–75
100
50
0
–25
125
75
25
VS = ±15V
OP07C
OP07E
Figure 9. Input Bias Current vs. Temperature
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (°C)
–50
–100
–75
50
0
–25
100
75
25
VS = ±15V
OP07C
OP07E
Figure 10. Input Offset Current vs. Temperature
TIME (1s/DIV)
REFERRED TO INPUT
5mV/CM AT OUTPUT
Figure 11. Low Frequency Noise
1000
100
10
1
FREQUENCY (Hz)
10
1
1000
100
RS1 = RS2 = 200kΩ
THERMAL NOISE SOURCE
RESISTORS INCLUDED
EXCLUDED
RS = 0
VS = ±15V
TA = 25°C
Figure 12. Total Input Noise Voltage vs. Frequency
10
1
0.1
BANDWIDTH (Hz)
1k
100
100k
10k
VS = ±15V
TA = 25°C
Figure 13. Input Wideband Noise vs. Bandwidth,
0.1 Hz to Frequency Indicated
130
120
110
100
90
80
70
60
FREQUENCY (Hz)
10
1
100k
1k
10k
100
OP07C
Figure 14. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com