Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP27GS Datasheet(PDF) 8 Page - Analog Devices

Part # OP27GS
Description  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP27GS Datasheet HTML 4Page - Analog Devices OP27GS Datasheet HTML 5Page - Analog Devices OP27GS Datasheet HTML 6Page - Analog Devices OP27GS Datasheet HTML 7Page - Analog Devices OP27GS Datasheet HTML 8Page - Analog Devices OP27GS Datasheet HTML 9Page - Analog Devices OP27GS Datasheet HTML 10Page - Analog Devices OP27GS Datasheet HTML 11Page - Analog Devices OP27GS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
OP27
Data Sheet
Rev. H | Page 8 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
100
90
80
70
60
50
40
30
0.01
0.1
1
10
100
FREQUENCY (Hz)
TEST TIME OF 10sec FURTHER
LIMITS LOW FREQUENCY
(<0.1Hz) GAIN
Figure 4. 0.1 Hz to 10 Hz p-p Noise Tester Frequency Response
10
9
8
7
6
5
4
3
2
1
1
10
100
1k
FREQUENCY (Hz)
I/F CORNER = 2.7Hz
TA = 25 C
VS = 15V
Figure 5. Voltage Noise Density vs. Frequency
INSTRUMENTATION
RANGE TO DC
AUDIO RANGE
TO 20kHz
741
OP27 I/F CORNER
I/F CORNER = 2.7Hz
I/F CORNER
LOW NOISE
AUDIO OP AMP
100
10
1
1
10
100
1k
FREQUENCY (Hz)
Figure 6. A Comparison of Op Amp Voltage Noise Spectra
10
1
0.1
0.01
100
1k
10k
100k
BANDWIDTH (Hz)
TA = 25 C
VS = 15V
Figure 7. Input Wideband Voltage Noise vs. Bandwidth (0.1 Hz to Frequency
Indicated)
100
10
1
100
1k
10k
SOURCE RESISTANCE ( )
TA = 25 C
VS = 15V
R2
R1
RS – 2R1
RESISTOR NOISE ONLY
AT 1kHz
AT 10Hz
Figure 8. Total Noise vs. Sourced Resistance
5
4
3
2
1
–50
0
–25
100
75
50
25
125
TEMPERATURE ( C)
AT 10Hz
AT 1kHz
VS = 15V
Figure 9. Voltage Noise Density vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com