Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP27GS Datasheet(PDF) 12 Page - Analog Devices

Part # OP27GS
Description  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GS Datasheet(HTML) 12 Page - Analog Devices

Back Button OP27GS Datasheet HTML 8Page - Analog Devices OP27GS Datasheet HTML 9Page - Analog Devices OP27GS Datasheet HTML 10Page - Analog Devices OP27GS Datasheet HTML 11Page - Analog Devices OP27GS Datasheet HTML 12Page - Analog Devices OP27GS Datasheet HTML 13Page - Analog Devices OP27GS Datasheet HTML 14Page - Analog Devices OP27GS Datasheet HTML 15Page - Analog Devices OP27GS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
OP27
Data Sheet
Rev. H | Page 12 of 21
10
0
5
TIME FROM OUTPUT SHORTED TO GROUND (Min)
60
50
40
30
20
1
2
3
4
TA = 25 C
VS = 15V
ISC (–)
ISC (+)
Figure 28. Short-Circuit Current vs. Time
60
100
1M
FREQUENCY (Hz)
140
120
100
80
1k
10k
100k
VS = 15V
TA = 25 C
VCM = 10V
Figure 29. CMRR vs. Frequency
16
–16
0
20
SUPPLY VOLTAGE (V)
TA = –55 C
TA = +125 C
TA = –55 C
TA = +125 C
TA = +25 C
TA = +25 C
12
8
4
0
–4
–8
–12
5
10
15
Figure 30. Common-Mode Input Range vs. Supply Voltage
AD8677
OP27
D.U.T.
4.7mF
VOLTAGE
GAIN
= 50,000
2.2mF
22mF
SCOPE ´ 1
RIN
0.1mF
0.1mF
Figure 31. Voltage Noise Test Circuit (0.1 Hz to 10 Hz)
2.4
0.4
100
1k
10k
100k
LOAD RESISTANCE ( )
TA = 25 C
VS = 15V
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
Figure 32. Open-Loop Voltage Gain vs. Load Resistance
–90
–120
1 SEC/DIV
120
80
0
40
–40
0.1Hz TO 10Hz p-p NOISE
Figure 33. Low Frequency Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com