Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP467GS Datasheet(PDF) 7 Page - Analog Devices

Part # OP467GS
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP467GS Datasheet HTML 3Page - Analog Devices OP467GS Datasheet HTML 4Page - Analog Devices OP467GS Datasheet HTML 5Page - Analog Devices OP467GS Datasheet HTML 6Page - Analog Devices OP467GS Datasheet HTML 7Page - Analog Devices OP467GS Datasheet HTML 8Page - Analog Devices OP467GS Datasheet HTML 9Page - Analog Devices OP467GS Datasheet HTML 10Page - Analog Devices OP467GS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
OP467
Rev. | Page 7 of 20
–20
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TYPICAL PERFORMANCE CHARACTERISTICS
20
30
40
50
60
70
80
–10
–90
–135
–180
0
10
VS = ±15V
RL = 1MΩ
CL = 30pF
GAIN
PHASE
Figure 6. Open-Loop Gain, Phase vs. Frequency
40
60
80
–20
0
20
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 7. Closed-Loop Gain vs. Frequency
25
10
0
5
15
20
TA = +25°C
0
±5
±10
±15
±20
SUPPLY VOLTAGE (V)
TA = +125°C
TA = –55°C
Figure 8. Open-Loop Gain vs. Supply Voltage
60
80
100
20
0
40
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
AVCL = +100
AVCL = +10
AVCL = +1
Figure 9. Closed-Loop Output Impedance vs. Frequency
–0.3
3.4
5.8
–0.2
–0.1
0.0
0.1
0.2
0.3
0
100k
1M
10M
FREQUENCY (Hz)
VS = ±5V
VS = ±15V
Figure 10. Gain Error vs. Frequency
15
20
25
30
0
5
10
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVCL = +1
AVCL = –1
VS = ±15V
TA = 25°C
RL = 2kΩ
Figure 11. Maximum VOUT Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com