Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP467GS Datasheet(PDF) 8 Page - Analog Devices

Part # OP467GS
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP467GS Datasheet HTML 4Page - Analog Devices OP467GS Datasheet HTML 5Page - Analog Devices OP467GS Datasheet HTML 6Page - Analog Devices OP467GS Datasheet HTML 7Page - Analog Devices OP467GS Datasheet HTML 8Page - Analog Devices OP467GS Datasheet HTML 9Page - Analog Devices OP467GS Datasheet HTML 10Page - Analog Devices OP467GS Datasheet HTML 11Page - Analog Devices OP467GS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OP467
Rev. | Page 8 of 20
0
2
1k
10k
100k
1M
10M
6
8
10
12
4
FREQUENCY (Hz)
AVCL = –1
AVCL = +1
VS = ±5V
TA = 25°C
RL = 2kΩ
Figure 12. Maximum VOUT Swing vs. Frequency
60
80
100
120
20
40
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 13. Common-Mode Rejection vs. Frequency
60
80
100
120
20
40
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 14. Power-Supply Rejection vs. Frequency
30
40
50
60
0
10
20
0
200
400
600
LOAD CAPACITANCE (pF)
800
1000
1200
1400
1600
VS = ±15V
RL = 2kΩ
VVIN = 100mV p-p
AVCL = +1
AVCL = –1
Figure 15. Small Signal Overshoot vs. Load Capacitance
30
40
50
60
0
10
20
0
200
400
600
LOAD CAPACITANCE (pF)
800
1000
1200
1400
1600
VS = ±15V
RL = 2kΩ
VVIN = 100mV p-p
AVCL = +1
AVCL = –1
Figure 16. Small Signal Overshoot vs. Load Capacitance
10
20
30
40
50
60
–40
–30
–20
–10
0
10k
100k
1M
FREQUENCY (Hz)
10M
100M
VS = ±15V
10000pF
1000pF
500pF
200pF
CIN = NETWORK
ANALYZER
Figure 17. Noninverting Gain vs. Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com