Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP495GP Datasheet(PDF) 4 Page - Analog Devices

Part # OP495GP
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP495GP Datasheet(HTML) 4 Page - Analog Devices

  OP495GP Datasheet HTML 1Page - Analog Devices OP495GP Datasheet HTML 2Page - Analog Devices OP495GP Datasheet HTML 3Page - Analog Devices OP495GP Datasheet HTML 4Page - Analog Devices OP495GP Datasheet HTML 5Page - Analog Devices OP495GP Datasheet HTML 6Page - Analog Devices OP495GP Datasheet HTML 7Page - Analog Devices OP495GP Datasheet HTML 8Page - Analog Devices OP495GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP295/OP495
Rev. G | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 10 kΩ to GND
2.9
V
Output Voltage Swing Low
VOL
RL = 10 kΩ to GND
0.7
2
mV
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±1.5 V ≤ VS ≤ ±15 V
90
110
dB
±1.5 V ≤ VS ≤ ±15 V, −40°C ≤ TA ≤ +125°C
85
dB
Supply Current per Amplifier
ISY
VOUT = 1.5 V, RL = ∞, −40°C ≤ TA ≤ +125°C
150
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
0.03
V/μs
Gain Bandwidth Product
GBP
75
kHz
Phase Margin
θO
85
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.6
μV p-p
Voltage Noise Density
en
f = 1 kHz
53
nV/√Hz
Current Noise Density
in
f = 1 kHz
<0.1
pA/√Hz
VS = ±15.0 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
300
500
μV
−40°C ≤ TA ≤ +125°C
800
μV
Input Bias Current
IB
VCM = 0 V
7
20
nA
VCM = 0 V, −40°C ≤ TA ≤ +125°C
30
nA
Input Offset Current
IOS
VCM = 0 V
±1
±3
nA
VCM = 0 V, −40°C ≤ TA ≤ +125°C
±5
nA
Input Voltage Range
VCM
−15
+13.5
V
Common-Mode Rejection Ratio
CMRR
−15.0 V ≤ VCM ≤ +13.5 V, −40°C ≤ TA ≤ +125°C
90
110
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ
1000
4000
V/mV
Offset Voltage Drift
ΔVOS/ΔT
1
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 100 kΩ to GND
14.95
V
RL = 10 kΩ to GND
14.80
V
Output Voltage Swing Low
VOL
RL = 100 kΩ to GND
−14.95
V
RL = 10 kΩ to GND
−14.85
V
Output Current
IOUT
±15
±25
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±1.5 V to ±15 V
90
110
dB
VS = ±1.5 V to ±15 V, −40°C ≤ TA ≤ +125°C
85
dB
Supply Current per Amplifier
ISY
VO = 0 V, RL = ∞, VS = ±18 V, −40°C ≤ TA ≤ +125°C
175
μA
Supply Voltage Range
VS
3 (± 1.5)
36 (± 18)
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
0.03
V/μs
Gain Bandwidth Product
GBP
85
kHz
Phase Margin
θO
83
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.25
μV p-p
Voltage Noise Density
en
f = 1 kHz
45
nV/√Hz
Current Noise Density
in
f = 1 kHz
<0.1
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com