Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP495GP Datasheet(PDF) 3 Page - Analog Devices

Part # OP495GP
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP495GP Datasheet(HTML) 3 Page - Analog Devices

  OP495GP Datasheet HTML 1Page - Analog Devices OP495GP Datasheet HTML 2Page - Analog Devices OP495GP Datasheet HTML 3Page - Analog Devices OP495GP Datasheet HTML 4Page - Analog Devices OP495GP Datasheet HTML 5Page - Analog Devices OP495GP Datasheet HTML 6Page - Analog Devices OP495GP Datasheet HTML 7Page - Analog Devices OP495GP Datasheet HTML 8Page - Analog Devices OP495GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP295/OP495
Rev. G | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = 5.0 V, VCM = 2.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
30
300
μV
−40°C ≤ TA ≤ +125°C
800
μV
Input Bias Current
IB
8
20
nA
−40°C ≤ TA ≤ +125°C
30
nA
Input Offset Current
IOS
±1
±3
nA
−40°C ≤ TA ≤ +125°C
±5
nA
Input Voltage Range
VCM
0
4.0
V
Common-Mode Rejection Ratio
CMRR
0 V ≤ VCM ≤ 4.0 V, −40°C ≤ TA ≤ +125°C
90
110
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, 0.005 ≤ VOUT ≤ 4.0 V
1000
10,000
V/mV
RL = 10 kΩ, −40°C ≤ TA ≤ +125°C
500
V/mV
Offset Voltage Drift
ΔVOS/ΔT
1
5
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 100 kΩ to GND
4.98
5.0
V
RL = 10 kΩ to GND
4.90
4.94
V
IOUT = 1 mA, −40°C ≤ TA ≤ +125°C
4.7
V
Output Voltage Swing Low
VOL
RL = 100 kΩ to GND
0.7
2
mV
RL = 10 kΩ to GND
0.7
2
mV
IOUT = 1 mA, −40°C ≤ TA ≤ +125°C
90
mV
Output Current
IOUT
±11
±18
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±1.5 V ≤ VS ≤ ±15 V
90
110
dB
±1.5 V ≤ VS ≤ ±15 V, –40°C ≤ TA ≤ +125°C
85
dB
Supply Current per Amplifier
ISY
VOUT = 2.5 V, RL = ∞, −40°C ≤ TA ≤ +125°C
150
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
0.03
V/μs
Gain Bandwidth Product
GBP
75
kHz
Phase Margin
θO
86
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.5
μV p-p
Voltage Noise Density
en
f = 1 kHz
51
nV/√Hz
Current Noise Density
in
f = 1 kHz
<0.1
pA/√Hz
VS = 3.0 V, VCM = 1.5 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
100
500
μV
Input Bias Current
IB
8
20
nA
Input Offset Current
IOS
±1
±3
nA
Input Voltage Range
VCM
0
2.0
V
Common-Mode Rejection Ration
CMRR
0 V ≤ VCM ≤ 2.0 V, −40°C ≤ TA ≤ +125°C
90
110
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ
750
V/mV
Offset Voltage Drift
∆VOS/∆T
1
μV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com