Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA5059 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TSA5059
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TSA5059 Datasheet HTML 4Page - NXP Semiconductors TSA5059 Datasheet HTML 5Page - NXP Semiconductors TSA5059 Datasheet HTML 6Page - NXP Semiconductors TSA5059 Datasheet HTML 7Page - NXP Semiconductors TSA5059 Datasheet HTML 8Page - NXP Semiconductors TSA5059 Datasheet HTML 9Page - NXP Semiconductors TSA5059 Datasheet HTML 10Page - NXP Semiconductors TSA5059 Datasheet HTML 11Page - NXP Semiconductors TSA5059 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1999 Oct 05
8
Philips Semiconductors
Preliminary specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059
READ mode: R/W=1
Data can be read out of the TSA5059 by setting the
bit R/W to logic 1 (see Table 5). After the slave address
has been recognized, the TSA5059 generates an
acknowledge pulse and the first data byte (status word) is
transferred on the SDA line (MSB first). Data is valid on the
SDA line during a HIGH-level of the SCL clock signal.
A second data byte can be read out of the TSA5059 if the
controller generates an acknowledge on the SDA line.
End of transmission will occur if no acknowledge from the
controller occurs.The TSA5059 will then release the data
line to allow the controller to generate a STOP condition.
When ports P0 to P2 are used as inputs, they must be
programmed in their high-impedance state.
The POR flag is set to logic 1 when VCC drops below
approximately 2.75 V and at power-on.
It is reset to logic 0 when an end of data is detected by the
TSA5059 (end of a READ sequence).
Control of the loop is made possible with the in-lock flag
which indicates (bit FL = 1) when the loop is phase-locked.
The bits I2, I1 and I0 represent the status of the I/O ports
P2, P1 and P0 respectively. A logic 0 indicates a
LOW-level and a logic 1 indicates a HIGH-level.
A built-in 5-level ADC is available at pin ADC. This
converter can be used to feed AFC information to the
microcontroller through the I2C-bus. The relationship
between bits A2, A1, A0 and the input voltage at pin ADC
is given in Table 7.
Table 5
Read data format
Note
1. MSB is transmitted first.
Table 6
Explanation of Table 5
Table 7
ADC levels
Note
1. Accuracy is
±0.03VCC.
BYTE
DESCRIPTION
MSB(1)
LSB
CONTROL BIT
1
address
1
1000
MA1
MA0
1
A
2
status byte
POR
FL
I2
I1
I0
A2
A1
A0
−
BIT
DESCRIPTION
A
acknowledge bit
MA1 and MA0
programmable address bits; see Table 3
POR
Power-on reset flag (bit POR = 1 on power-on)
FL
in-lock flag (bit FL = 1 when the loop is phase-locked)
I2, I1 and I0
digital information for I/O ports P2, P1 and P0 respectively
A2, A1 and A0
digital outputs of the 5-level ADC; see Table 7
A2
A1
A0
VOLTAGE APPLIED TO PIN ADC(1)
1
0
0
0.6VCC to VCC
0
1
1
0.45VCC to 0.6VCC
0
1
0
0.3VCC to 0.45VCC
0
0
1
0.15VCC to 0.3VCC
0
0
0
0 to 0.15VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com