Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA5059 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TSA5059
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TSA5059 Datasheet HTML 9Page - NXP Semiconductors TSA5059 Datasheet HTML 10Page - NXP Semiconductors TSA5059 Datasheet HTML 11Page - NXP Semiconductors TSA5059 Datasheet HTML 12Page - NXP Semiconductors TSA5059 Datasheet HTML 13Page - NXP Semiconductors TSA5059 Datasheet HTML 14Page - NXP Semiconductors TSA5059 Datasheet HTML 15Page - NXP Semiconductors TSA5059 Datasheet HTML 16Page - NXP Semiconductors TSA5059 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1999 Oct 05
13
Philips Semiconductors
Preliminary specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059
Notes
1. Asymmetrical drive on pin RFA or RFB; see Fig.3.
2. The drive level is expected with the crystal at series resonance with a series resistance of 50
Ω. The value will be
different with another crystal.
3. To drive pin XTAL from the pin XT/COMP of another TSA5059, couple the signal through a capacitor of 1 nF
(to remove the DC level), in series with an 1.2 k
Ω resistor, see Fig.5.
Tuning voltage output (pin VT)
IlO(off)
leakage current when switched off
XCE = 0; XCS = 1;
T2 = 1; VVT =33V
−−
−10
µA
VO
output voltage
when the loop is
locked; normal mode;
VVT = 33 V; pull-up
resistor of 27 k
Ω
0.25
−
32.7
V
XT/COMP output (pin XT/COMP)
VO(p-p)
AC output voltage (peak-to-peak value)
XCE = 1
−
400
−
mV
Input/output and output ports (pins P0, P1, P2 and P3)
IlO
port leakage current
port off; VO =VCC
−−
10
µA
VO(sat)
output port saturation voltage
port on; Isink =10mA
−
0.2
0.4
V
VIL
LOW-level input voltage
−−
1.5
V
VIH
HIGH-level input voltage
3.0
−−
V
ADC input (pin ADC)
ILIH
HIGH-level input leakage current
VADC =VCC
−−
10
µA
ILIL
LOW-level input leakage current
VADC =0V
−10
−−
µA
Address selection (pin AS)
ILIH
HIGH-level input leakage current
VAS =VCC
−−
1mA
ILIL
LOW-level input leakage current
VAS =0V
−0.5
−−
mA
SCL and SDA inputs (pins SCL and SDA)
VIL
LOW-level input voltage
−−
1.5
V
VIH
HIGH-level input voltage
2.3
−−
V
ILIH
HIGH-level input leakage current
VIH = 5.5 V
VCC = 5.5 V
−−
10
µA
VCC =0V
−−
10
µA
ILIL
LOW-level input leakage current
VIL =0V; VCC = 5.5 V
−10
−−
µA
fSCL
SCL clock frequency
−−
400
kHz
SDA output (pin SDA)
VO(ack)
output voltage during acknowledge
Isink =3mA
−−
0.4
V
Isink =6mA
−−
0.6
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com