Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2M03C2001 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # F2M03C2001
Description  Class 2 Bluetooth??Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03C2001 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button F2M03C2001 Datasheet HTML 3Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 4Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 10Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Rev: 13 September 2005
Class 2 Bluetooth module - F2M03C2
Datasheet
Peak current consumption
VDD = 3.3V Temperature = 20
oC
Mode
Typ
Unit
Peak consumption during RF peaks
67
mA
Deep sleep leakage current
VDD = 3.3V Temperature = 20
oC
Mode
Typ
Unit
Deep sleep
68
µA
© 2003 Free2move AB
Page 7(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com