Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSAFE-A120 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 2Page - STMicroelectronics STSAFE-A120 Datasheet HTML 3Page - STMicroelectronics STSAFE-A120 Datasheet HTML 4Page - STMicroelectronics STSAFE-A120 Datasheet HTML 5Page - STMicroelectronics STSAFE-A120 Datasheet HTML 6Page - STMicroelectronics STSAFE-A120 Datasheet HTML 7Page - STMicroelectronics STSAFE-A120 Datasheet HTML 8Page - STMicroelectronics STSAFE-A120 Datasheet HTML 9Page - STMicroelectronics STSAFE-A120 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Figure 4. Example of peripheral device authentication
Local Host
Peripheral or consumable
STSAFE-A120
I2C
1. Read certificate
X509 public key certificate
Verifies
peripheral’s public
key certificate
Generates
challenge
2. Generate signature
Signature
Verifies
signature
2.2
Applicative data storage
The STSAFE-A120 comes with 16 Kbytes of nonvolatile memory configurable by the customer for its application
data storage. These 16 Kbytes must be partitioned into zones with the appropriate access rights.
Some of the zones can be configured into secure one-way counters (decrementing) zones with associated data
space.
The access condition to the memory zones can be configured as well for each zone. The access condition can
be:
•
Free access
•
Host secure channel access
•
Entity authentication access
•
Host secure channel and entity authentication access.
2.3
Local envelope wrapping/unwrapping
The STSAFE-A120 offers a data wrapping service (cyphering and signing data) into a secure envelope. This
service is intended to be used by a host to store sensitive information in a non protected memory. This envelope
can be unwrapped (unciphered and verified) at anytime by the STSAFE-A120.
Figure 5. General principle of the wrapping/unwrapping key
Wrapping
Envelope
Unwrapping
Secret/plain text
Local envelope key
Secret/plain text MAC
Secret/plain text
Wrapping is the mechanism used to protect a secret or plain text (like connectivity keys or credentials). The
output of the wrapping is an envelope.
The envelope consists of the secret or plain text to be protected, encrypted with an AES key wrap algorithm. The
algorithm uses a local envelope key for a local envelope. The envelope also contains the MAC of the encrypted
key or plain text to authenticate the envelope.
Unwrapping is the mechanism used to decrypt the envelope and recover the secret or plain text.
STSAFE-A120
Product use cases
DS14609 - Rev 1
page 6/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com