Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSAFE-A120 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 19Page - STMicroelectronics STSAFE-A120 Datasheet HTML 20Page - STMicroelectronics STSAFE-A120 Datasheet HTML 21Page - STMicroelectronics STSAFE-A120 Datasheet HTML 22Page - STMicroelectronics STSAFE-A120 Datasheet HTML 23Page - STMicroelectronics STSAFE-A120 Datasheet HTML 24Page - STMicroelectronics STSAFE-A120 Datasheet HTML 25Page - STMicroelectronics STSAFE-A120 Datasheet HTML 26Page - STMicroelectronics STSAFE-A120 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
7.4
AC characteristics
Table 6. I²C operating conditions
Name
Description
Standard mode
Fast mode
Units
Min.
Max.
Min.
Max.
fSCL
SCL frequency of subdevice: processor
-
100
-
400
kHz
tHD;STA
Input low to clock low (start condition hold time)
4.0
-
0.6
-
µs
tLOW
Low period of SCL clock
4.7
-
1.3
-
µs
tHIGH
High period of SCL clock
4.0
-
0.6
-
µs
tSU;STA
Clock high to input transition/setup time for a (repeated) start
condition
4.7(1)
-
1.3(1)
-
µs
tHD;DAT
Clock low to input transition
0(2)
-(3)
0(2)
(3)
µs
tVD;DAT
Data valid time(4)
-
-
-
0.93(5)
µs
tSU;DAT
Input transition to clock transition data setup time
250
-
100
-
ns
tSU;STO
Clock high to input high (stop)
4.0
-
0.6
-
µs
tR
Clock and data rise time on load capacitance of 30 pF
-
1000
20
300
ns
tF
Clock and data fall time on load capacitance of 30 pF
-
300
20 x
(VDD/5.5 V)
300
ns
1. Repeated start not supported.
2. The device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the
falling edge of SCL.
3. The maximum tHD;DAT could be 3.45 µs and 0.9 µs for standard mode and fast mode, but must be less than the maximum of
tVD;DAT or tVD;ACK by a transition time. This maximum must only be met if the device does not stretch the LOW period (tLOW)
of the SCL signal. If the clock stretches the SCL signal, the data must be valid by the setup time before it releases the clock.
4. tVD;DAT = time for data signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
5. The I²C specification value is 0.9 µs.
Figure 19. AC clock and data timings
START
SDA
I2C bus
R
VCC
VCC
MCU
SDA
SCL
tF
tF
tR
tR
SCL
tHD;STA
tHIGH
tLOW
tSU;DAT
tHD;DAT
START REPEATED
START
tSU;STO
tSU;STA
STOP
tBUF
R
STSAFE-A120
Electrical characteristics
DS14609 - Rev 1
page 23/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com