Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA5521 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TSA5521
Description  1.3 GHz universal bus-controlled TV synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5521 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TSA5521 Datasheet HTML 13Page - NXP Semiconductors TSA5521 Datasheet HTML 14Page - NXP Semiconductors TSA5521 Datasheet HTML 15Page - NXP Semiconductors TSA5521 Datasheet HTML 16Page - NXP Semiconductors TSA5521 Datasheet HTML 17Page - NXP Semiconductors TSA5521 Datasheet HTML 18Page - NXP Semiconductors TSA5521 Datasheet HTML 19Page - NXP Semiconductors TSA5521 Datasheet HTML 20Page - NXP Semiconductors TSA5521 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
1996 Oct 10
17
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
Table 15 27-bit sequence (fosc = 750 MHz, BS1 = ON, N = 640, Icp =60 µA, no test function)
The reference divider is automatically set to 1024 unless RSB has been programmed to 0 during a 27-bit sequence.
This sequence sets RSA = RSB = 0; CP = 0.
Table 16 19-bit sequence
This sequence will program fosc to 600 MHz in 50 kHz steps. ICP remains at 60 µA.
Table 17 18-bit sequence
This sequence will program fosc to 600 MHz in 50 kHz steps. ICP remains at 60 µA.
Table 18 27-bit sequence (fosc = 650 MHz, BS1 = ON)
This sequence sets RSA to 0, RSB to 1 and CP to 1. After this sequence ICP = 280 µA, N = 1024 (19-bit transmission)
and N = 512 (18-bit transmission), RSB = 1.
Example of 3-wire bus sequence (TSA5521; SW = OPEN)
Table 19 19-bit sequence (fosc = 700 MHz, BS3 = ON)
N = 640 unless RSB has been programmed to 0 during a 27-bit sequence.
000101110101001100010001000
0001010111011100000
000110111011100000
000110100010100000011001010
0100011011010110000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com