Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H838024R Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 93Page - Renesas Technology Corp H838024R Datasheet HTML 94Page - Renesas Technology Corp H838024R Datasheet HTML 95Page - Renesas Technology Corp H838024R Datasheet HTML 96Page - Renesas Technology Corp H838024R Datasheet HTML 97Page - Renesas Technology Corp H838024R Datasheet HTML 98Page - Renesas Technology Corp H838024R Datasheet HTML 99Page - Renesas Technology Corp H838024R Datasheet HTML 100Page - Renesas Technology Corp H838024R Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 55 of 652
REJ09B0042-0700
2.6
Basic Operational Timing
CPU operation is synchronized by a system clock (
φ) or a subclock (φ
SUB). For details on these
clock signals see section 4, Clock Pulse Generators. The period from a rising edge of
φ or φ
SUB to
the next rising edge is called one state. A bus cycle consists of two states or three states. The
cycle differs depending on whether access is to on-chip memory or to on-chip peripheral modules.
2.6.1
Access to On-Chip Memory (RAM, ROM)
Access to on-chip memory takes place in two states. The data bus width is 16 bits, allowing
access in byte or word size. Figure 2.11 shows the on-chip memory access cycle.
T1 state
Bus cycle
T2 state
Internal address bus
Internal read signal
Internal data bus
(read access)
Internal write signal
Read data
Address
Write data
Internal data bus
(write access)
φ or φSUB
Figure 2.11 On-Chip Memory Access Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com