Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8656ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8656ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8656ARMZ Datasheet HTML 3Page - Analog Devices AD8656ARMZ Datasheet HTML 4Page - Analog Devices AD8656ARMZ Datasheet HTML 5Page - Analog Devices AD8656ARMZ Datasheet HTML 6Page - Analog Devices AD8656ARMZ Datasheet HTML 7Page - Analog Devices AD8656ARMZ Datasheet HTML 8Page - Analog Devices AD8656ARMZ Datasheet HTML 9Page - Analog Devices AD8656ARMZ Datasheet HTML 10Page - Analog Devices AD8656ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8655/AD8656
Rev. E | Page 7 of 20
Figure 9. Supply Current vs. Temperature
Figure 10. AD8655 Output Voltage to Supply Rail vs. Current Load
Figure 11. AD8656 Output Swing vs. Current Load
Figure 12. Output Voltage Swing High vs. Temperature
Figure 13. Output Voltage Swing Low vs. Temperature
Figure 14. CMRR vs. Frequency
4.5
4.0
3.5
3.0
2.5
2.0
–50
0
50
TEMPERATURE (°C)
100
150
VS = ±2.5V
VOH
VOL
2500
2000
1500
1000
500
0
0
50
100
150
200
CURRENT LOAD (mA)
250
VS = ±2.5V
100
10
1
0.1
1
10
CURRENT LOAD (mA)
100
1000
10000
1000
VS = ±2.5V
VOL
VOH
4.996
4.990
4.988
4.986
4.984
4.982
–50
0
50
TEMPERATURE (°C)
100
150
4.992
4.994
VS = ±2.5V
LOAD CURRENT = 1mA
12
10
8
6
4
2
–50
0
50
TEMPERATURE (°C)
100
150
LOAD CURRENT = 1mA
VS = ±2.5V
80
60
0
100
1k
10k
FREQUENCY (Hz)
100k
10M
120
100
VS = ±2.5V
VIN = 28mV
RL = 1MΩ
CL = 47pF
40
20
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com