Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8656ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8656ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8656ARMZ Datasheet HTML 5Page - Analog Devices AD8656ARMZ Datasheet HTML 6Page - Analog Devices AD8656ARMZ Datasheet HTML 7Page - Analog Devices AD8656ARMZ Datasheet HTML 8Page - Analog Devices AD8656ARMZ Datasheet HTML 9Page - Analog Devices AD8656ARMZ Datasheet HTML 10Page - Analog Devices AD8656ARMZ Datasheet HTML 11Page - Analog Devices AD8656ARMZ Datasheet HTML 12Page - Analog Devices AD8656ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8655/AD8656
Rev. E | Page 9 of 20
Figure 21. Open-Loop Gain and Phase vs. Frequency
Figure 22. Large Signal Open-Loop Gain vs. Temperature
Figure 23. Closed-Loop Gain vs. Frequency
Figure 24. Maximum Output Swing vs. Frequency
Figure 25. Large Signal Response
Figure 26. Small Signal Response
120
100
80
60
40
20
0
–20
–40
10k
100k
1M
FREQUENCY (Hz)
10M
100M
–90
–135
–180
–225
–45
VS = ±2.5V
CLOAD = 11.5pF
PHASE MARGIN = 69°
140.00
130.00
120.00
110.00
90.00
–50
0
50
TEMPERATURE (°C)
100
150
VS = ±2.5V
RL = 10kΩ
100.00
40
50
30
20
1k
10k
100k
1M
FREQUENCY (Hz)
10M
100M
VS = ±2.5V
RL = 1MΩ
CL = 47pF
10
0
–10
–20
6
5
4
3
2
1
0
10k
100k
1M
FREQUENCY (Hz)
10M
VS = ±2.5V
VIN = 5V
G = +1
T
2
VS = ±2.5V
CL = 100pF
GAIN = +1
VIN = 4V
TIME (10
µs/DIV)
2
T
VS = ±2.5V
CL = 100pF
G = +1
TIME (1
µs/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com