Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4050 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4050
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4050 Datasheet HTML 17Page - Analog Devices AD4050 Datasheet HTML 18Page - Analog Devices AD4050 Datasheet HTML 19Page - Analog Devices AD4050 Datasheet HTML 20Page - Analog Devices AD4050 Datasheet HTML 21Page - Analog Devices AD4050 Datasheet HTML 22Page - Analog Devices AD4050 Datasheet HTML 23Page - Analog Devices AD4050 Datasheet HTML 24Page - Analog Devices AD4050 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Data Sheet
AD4050/AD4056
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 65
DIGITAL PROCESSING FEATURES
Figure 37. AD4050/AD4056 Digital Processing Functionality
The AD4050/AD4056 include several data processing features that
can be applied to ADC data to offload computations from the digital
host processor. Figure 37 shows a block diagram of the available
data processing functions. Functionality and configuration of each
block is described in detail in following sections. Note that these
digital processing functions are not used in the autonomous modes.
Gain Scaling
The gain scaling function applies a 16-bit unsigned digital gain
factor to the 12-bit ADC results. Gain scaling can be applied to
calibrate out system gain error. The gain scaling factor is set by
the MON_VAL bit field in the MON_VAL scaling register with the
following equation:
CodeOUT=CodeIN× MON_VAL0x8000
(1)
where 0x0000 ≤ MON_VAL ≤ 0xFFFF, giving an effective gain
range of 0 to 1.99997.
Gain scaling can also be used to scale the ADC transfer function
when using the VDD supply as the VREF source (see the Reference
Selection Modes section). The AD4050/AD4056 can be configured
to measure the ratio of the VDD supply and the REF input voltage
and automatically adjust the MON_VAL register value to set the
transfer functions to be the same. The external voltage reference
circuitry can then be powered down to reduce system power dissi-
pation. See the Achieving High Accuracy with Reference Shutdown
section for more information.
Note that applying gain to the samples can cause numerical satu-
ration when CodeOUT in Equation 1 exceeds the 12-bit full scale
(see the Full-Scale Saturation section). Ensure the MON_VAL bit
field is set accordingly to prevent the gain scaling block output from
saturating.
Gain scaling is disabled by default and enabled by setting the
SCALE_EN bit field in the ADC_CONFIG register to 1 (see Table
39).
Full-Scale Saturation
The conversion results saturate digitally (prior to any data process-
ing) when the sampled analog input voltage exceeds the input
range limits specified in Table 1. The AD4050/AD4056 include
saturation blocks at the output of the ADC core and the output of
the gain scaling block that detect when the digital output codes
or the ADC core and gain scaling block reach the maximum or
minimum values, respectively.
The OVER_RNG_ERR and UNDER_RNG_ERR flags in the DE-
VICE_STATUS register are set when either of the saturation blocks
detect a maximally or minimally saturated code. In differential
mode, the 12-bit results saturate maximally at 0x7FF and minimally
at 0x800. In single-ended mode the 12-bit results saturate maximal-
ly at 0xFFF and minimally at 0x000. (See the Transfer Function
section for a description of differential and single-ended modes.)
The OVER_RNG_ERR and UNDER_RNG_ERR flags can be peri-
odically polled when using the block averaging filter to verify none
of the filter input data has saturated. The OVER_RNG_ERR and
UNDER_RANGE_ERR flags are write-1-to-clear bits, and therefore,
hold their states until the digital host is able to poll them.
Block Averaging Filter
The AD4050/AD4056 include a block averaging filter with program-
mable averaging ratios (NAVG) from 2 to 256. The block averaging
filter is automatically enabled when the device is in averaging
mode or burst averaging mode. The block averaging filter exhibits
a SINC1 frequency response. Figure 38 shows the frequency
response of the averaging filter for NAVG of 2, 4, 8, 16, and 32.
When enabled, the block averaging filter accumulates a block of
12-bit ADC results before generating a 14-bit averaged result.
NAVG refers to the number of ADC samples per averaged result.
The block averaging filter is reset (cleared) after processing each
block of NAVG samples. The NAVG configuration is set by the
AVG_WIN_LEN bit field in the AVG_CONFIG register (see Table
40) using the following equation:
NAVG=2AVG_WIN_LEN+1
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com