Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4050 Datasheet(PDF) 3 Page - Analog Devices

Part # AD4050
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050 Datasheet(HTML) 3 Page - Analog Devices

  AD4050 Datasheet HTML 1Page - Analog Devices AD4050 Datasheet HTML 2Page - Analog Devices AD4050 Datasheet HTML 3Page - Analog Devices AD4050 Datasheet HTML 4Page - Analog Devices AD4050 Datasheet HTML 5Page - Analog Devices AD4050 Datasheet HTML 6Page - Analog Devices AD4050 Datasheet HTML 7Page - Analog Devices AD4050 Datasheet HTML 8Page - Analog Devices AD4050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
Data Sheet
AD4050/AD4056
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 65
VDD = 2.3 V to 3.6 V, VREF = 2.3 V to 3.6 V, VIO = 1.71 V to 3.6 V, reference capacitance (CREF) = 2.2 μF, and operating at the maximum
specified sample rate (fS), unless otherwise specified. All other features in default configuration, minimum and maximum values at TA = −40°C
to +125°C, and typical values at TA = +25°C, unless otherwise specified.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
ADC Resolution
12
Bits
Averaging Filter Resolution
Averaging mode, burst averaging mode
14
Bits
Comparator Mode Resolution
Autonomous modes
12
Bits
SAMPLING DYNAMICS
Sampling Rate (fS)1
AD4050
2
MSPS
AD4056
500
kSPS
Aperture Delay
0.3
ns
ANALOG INPUT
Input Voltage (VIN) Range2
VIN = VIN+ − VIN−
Differential mode
−VREF
+VREF
V
Single-ended mode
0
+VREF
V
Absolute Input Voltage2
VIN+, VIN−
−0.1
VDD + 0.1
V
Common-Mode Input Voltage (VCM) Range3
VCM = (VIN+ + VIN−)/2
−0.1
VDD + 0.1
V
Analog Input Leakage Current
IN+, IN−
6
nA
Sampling Capacitance (CIN)
3.4
pF
Analog Input Capacitance4
IN+, IN−
Track Phase
5.4
pF
Hold Phase
2.0
pF
DC ACCURACY
VREF = 3.3 V
No Missing Codes
12
Bits
Transition Noise
Sample mode (no averaging)
Differential mode
0.08
LSB rms
Single-ended mode
0.16
LSB rms
Integral Nonlinearity (INL)
−0.1
±0.03
+0.1
LSB
Differential Nonlinearity (DNL)5
−0.1
±0.03
+0.1
LSB
Zero Error
−900
±75
+900
μV
Zero-Error Drift
±0.05
ppm/°C
Gain Error
−0.06
±0.002
+0.06
%FS
Gain Error Drift
±0.2
ppm/°C
Total Unadjusted Error (TUE)6
−600
±20
+600
ppm
Autonomous Mode TUE7
±7
mV
REFERENCE
VREF Input Range
2.3
VDD
V
REF Standby Current
VREF = 3.3 V
8
nA
REF Average Input Current8
VREF = 3.3 V, fS = 2 MSPS (AD4050)
60
65
μA
VREF = 3.3 V, fS = 500 kSPS (AD4056)
15
18
μA
AC PERFORMANCE
VREF = 3.3 V
Total RMS Noise
Sample mode (no averaging)
476
μVrms
Signal-to-Noise Ratio (SNR)
VIN = −0.5 dBFS, input frequency (fIN) = 1 kHz
Differential Mode
Sample mode (no averaging)
73.8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com