Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA3545 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UAA3545
Description  Fully integrated DECT transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3545 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UAA3545 Datasheet HTML 9Page - NXP Semiconductors UAA3545 Datasheet HTML 10Page - NXP Semiconductors UAA3545 Datasheet HTML 11Page - NXP Semiconductors UAA3545 Datasheet HTML 12Page - NXP Semiconductors UAA3545 Datasheet HTML 13Page - NXP Semiconductors UAA3545 Datasheet HTML 14Page - NXP Semiconductors UAA3545 Datasheet HTML 15Page - NXP Semiconductors UAA3545 Datasheet HTML 16Page - NXP Semiconductors UAA3545 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2001 Sep 06
13
Philips Semiconductors
Product specification
Fully integrated DECT transceiver
UAA3545
Receiver section
VRSSI(max)
maximum RSSI output
voltage
under high RX input signal level
−
1.9
−
V
VRSSI
RSSI output voltage
monotonicity over range
−96 to −36 dBm
Pi(RFA/B) = −33 dBm
−
1.7
2.0
V
Pi(RFA/B) = −36 dBm
−
1.64
−
V
Pi(RFA/B) = −96 dBm
−
0.3
−
V
ton
wake-up time from the
power-on signal to
correct RSSI output
−
25
40
µs
sB
input sensitivity
BER
≤ 10−3; note 1
−−96
−93
dBm
BER
≤ 10−5; note 1
−−92
−76
dBm
IM
intermodulation
rejection
BER < 10−3; wanted signal at
−83 dBm; level of interference in
channels n + 2 and n + 4; note 1
33
42
−
dBc
Rco
co-channel rejection
BER < 10−3; wanted channel at
−76 dBm; note 1
−10
−7.5
−
dBc
Ri(n−1)
adjacent channel
rejection
BER < 10−3; wanted channel at
−76 dBm; adjacent level referred to
wanted channel level; note 1
14
20
−
dBc
Ri(n−2)
bi-adjacent channel
rejection
BER < 10−3; wanted channel at
−76 dBm; bi-adjacent level referred
to wanted channel level; note 1
35
42
−
dBc
Ri(n−≥3)
rejection with
≥3 channels separation
BER < 10−3; wanted channel at
−76 dBm; n ≥ 3 adjacent level
referred to wanted channel level;
note 1
40
45
−
dBc
RBl
rejection of a blocking
signal
BER < 10−3; wanted signal at
−83 dBm at channel 5:
f − f
c > 6 MHz; note 2
38
55
−
dBc
(fRFmax + 5 MHz) < f < 2 GHz;
1780 MHz < f < (fRFmin − 5 MHz)
; note 1
48
58
−
dBc
2GHz<f< 4.32 GHz;
notes 1 and 5
38
60
−
dBc
Ro(RF)
RF input resistance (real
part of the parallel input
impedance)
balanced; at 1890 MHz
−
100
−Ω
Co(RF)
RF input capacitance
(imaginary part of the
parallel input
impedance)
balanced; at 1890 MHz
−
0.8
−
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com