Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA3545 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # UAA3545
Description  Fully integrated DECT transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3545 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button UAA3545 Datasheet HTML 14Page - NXP Semiconductors UAA3545 Datasheet HTML 15Page - NXP Semiconductors UAA3545 Datasheet HTML 16Page - NXP Semiconductors UAA3545 Datasheet HTML 17Page - NXP Semiconductors UAA3545 Datasheet HTML 18Page - NXP Semiconductors UAA3545 Datasheet HTML 19Page - NXP Semiconductors UAA3545 Datasheet HTML 20Page - NXP Semiconductors UAA3545 Datasheet HTML 21Page - NXP Semiconductors UAA3545 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
FCA246
UAA3545
1
2
3
4
5
6
7
8
RFB
TXB
TXA
RFA
9
101112
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
R11
2.2 k
Ω
C18
8.2 nF
NPO
C13
560 pF
NPO
C22
82 pF
C57
100 nF
C58
10
µF
VCC
S_DATA(1)
S_EN
R_DATAP
S_CLK
XTAL
C31
1 nF
C40
4.7 nF
SLCCTR
RSSI
C44
27 pF
C46
8.2 pF
VCC
L8
6.8 nH
C41
8.2 pF
C40
8.2 pF
L10
6.8 nH
L9
6.8 nH
C43
1.5 pF
C42
1.5 pF
RF input
C33
0.82 pF
C27
0.82 pF
TX output
C28
8.2 pF
C32
8.2 pF
L6
2.7 nH(2)
L5
2.7 nH
L4
12 nH
L7
12 nH
C70
8.2 pF
C62
1.8 pF
C68
8.2 pF
VCC
C69
8.2 pF
C23
100 nF
C67
6.8 pF
C65
6.8 pF
C66
100 nF
T_GFSK
VCO_ON
R
470
Ω
C
8.2pF
R
470
Ω
C
8.2 pF
PA
T_PWR
ADDITIONAL
IMPLEMENTATION
Fig.6 Evaluation board schematic (mode 3 operation).
(1) S_DATA input (pin 4) is subject to latch-up if a negative voltage is applied. The application circuit should be designed to prevent this occurring.
(2) TXA and TXB outputs (pins 20 and 21) are subject to latch-up if a negative output voltage occurs. To prevent this happening, the application circuit should use a DC biasing arrangement
with L5 and L6 connected to VCC as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com