Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2021 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors UBA2021 Datasheet HTML 10Page - NXP Semiconductors UBA2021 Datasheet HTML 11Page - NXP Semiconductors UBA2021 Datasheet HTML 12Page - NXP Semiconductors UBA2021 Datasheet HTML 13Page - NXP Semiconductors UBA2021 Datasheet HTML 14Page - NXP Semiconductors UBA2021 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2001 Jan 30
11
Philips Semiconductors
Product specification
630 V driver IC for CFL and TL lamps
UBA2021
DESIGN EQUATIONS
• Bottom frequency:
• Feed-forward frequency:
Where:
– X1 = 3.68
– X2 = 22.28
–
τ = 0.4 µs
–Rint =3kΩ
–Cpar = 4.7 pF
• Operating frequency is the maximum of fB, fff or fcm
Where:
–fB = bottom frequency
–fff = feed-forward frequency
–fcm = frequency due to capacitive mode detection
• Preheat time:
• Ignition time:
• Non-overlap time:
f
B
1
2C
CF
C
par
+
()
X1
R
RREF
×
R
int
–
()
×
[] τ
+
{}
×
---------------------------------------------------------------------------------------------------------------------------
=
f
ff
1
2C
CF
C
par
+
()
X2
V
RREF
×
I
iRHV
()
-------------------------------
R
int
–


×τ
+



×
----------------------------------------------------------------------------------------------------------------------------
=
t
ph
C
CP
150 nF
------------------
R
RREF
30 k
Ω
-----------------
×
=
t
ign
15
16
------
t
ph
×
=
t
no
1.4
µs
R
RREF
30k
Ω
-----------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com