Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2021 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 12Page - NXP Semiconductors UBA2021 Datasheet HTML 13Page - NXP Semiconductors UBA2021 Datasheet HTML 14Page - NXP Semiconductors UBA2021 Datasheet HTML 15Page - NXP Semiconductors UBA2021 Datasheet HTML 16Page - NXP Semiconductors UBA2021 Datasheet HTML 17Page - NXP Semiconductors UBA2021 Datasheet HTML 18Page - NXP Semiconductors UBA2021 Datasheet HTML 19Page - NXP Semiconductors UBA2021 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
2001 Jan 30
16
Philips Semiconductors
Product specification
630 V driver IC for CFL and TL lamps
UBA2021
Suitability of IC packages for wave, reflow and dipping soldering methods
Notes
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
2. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board.
3. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink
(at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version).
4. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
5. Wave soldering is only suitable for LQFP, QFP and TQFP packages with a pitch (e) equal to or larger than 0.8 mm;
it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
6. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
MOUNTING
PACKAGE
SOLDERING METHOD
WAVE
REFLOW(1) DIPPING
Through-hole mount DBS, DIP, HDIP, SDIP, SIL
suitable(2)
−
suitable
Surface mount
BGA, LFBGA, SQFP, TFBGA
not suitable
suitable
−
HBCC, HLQFP, HSQFP, HSOP, HTQFP,
HTSSOP, SMS
not suitable(3)
suitable
−
PLCC(4), SO, SOJ
suitable
suitable
−
LQFP, QFP, TQFP
not recommended(4)(5) suitable
−
SSOP, TSSOP, VSO
not recommended(6)
suitable
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com