Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1750AE-20QLMB Datasheet(PDF) 15 Page - Pyramid Semiconductor Corporation

Part # P1750AE-20QLMB
Description  SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P1750AE-20QLMB Datasheet(HTML) 15 Page - Pyramid Semiconductor Corporation

Back Button P1750AE-20QLMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 12Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 13Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 14Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 15Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 16Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 17Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 18Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 19Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Page 15 of 25
PACE1750AE
Document # MICRO-2 REV G
SIGNAL DESCRIPTIONS (Continued)
BUS ARBITRATION
Mnemonic
Name
Description
BUS REQ
Bus request
An active LOW output that indicates the CPU requires the bus. It
becomes inactive when the CPU has acquired the bus and started the
bus cycle.
BUS GNT
Bus grant
An active LOW input from an external arbiter that indicates the CPU
currently has the highest priority bus request. If the bus is not used and
not locked, the CPU may begin a bus cycle, commencing with the next
CPU clock. A HIGH level will hold the CPU in Hi-Z state (Bz), three-
stating the IB bus status lines (D/
I, R/W, M/IO), strobes (STRBA,
STRBD), and all the other lines that go three-state when this CPU does
not have the bus.
BUS BUSY
Bus busy
An active LOW, bidirectional signal used to establish the beginning and
end of a bus cycle. The trailing edge (LOW-to-HIGH transition) is used
for sampling bits into the fault register. It is three-state in bus cycles not
assigned to this CPU. However, the CPU monitors the
BUS BUSY line
for latching non-CPU bus cycle faults into the fault register.
BUS LOCK
Bus lock
An active low, bi-directional signal used to lock the bus for successive
bus cycles. During non-locked bus cycles, the
BUS LOCK signal mimics
the
BUS BUSY signal. It is three-state during bus cycles not assigned to
the CPU. The following instructions will lock the bus: INCM, DECM, SB,
RB, TSB, SRM, STUB and STLB.
DISCRETE CONTROL
Mnemonic
Name
Description
DMA EN
Direct memory
An active HIGH output that indicates the DMA is enabled. It is
Access enable
disabled when the CPU is initialized (reset) and can be enabled or
disabled under program control (I/O commands DMAE, DMAD).
NML PWRUP
Normal power up
An active HIGH output that is set when the CPU has successfully
completed the built-in self test in the initialization sequence. It can be
reset by the I/O command RNS.
SNEW
Start new
An active HIGH output that indicates a new instruction is about to start
executing in the next cycle.
TRIGO RST
Trigger-go reset
An active LOW discrete output. This signal can be pulsed low under
program control I/O address 400B (Hex) and is automatically pulsed
during processor initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com