Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1750AE-20QLMB Datasheet(PDF) 20 Page - Pyramid Semiconductor Corporation

Part # P1750AE-20QLMB
Description  SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P1750AE-20QLMB Datasheet(HTML) 20 Page - Pyramid Semiconductor Corporation

Back Button P1750AE-20QLMB Datasheet HTML 16Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 17Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 18Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 19Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 20Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 21Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 22Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 23Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 24Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Page 20 of 25
PACE1750AE
Document # MICRO-2 REV G
CASE OUTLINE X:
64 Lead Top Brazed DIP Package, Straight Lead Version (Ordering Code C)
NOTES:
1) Dimensions are in inches.
2) Metric equivalents are given for general information only.
3) Unless otherwise specified, tolerances are .02 (0.5 mm) for two place decimals and .005 (0.13 mm) for three place decimals.
Inches
mm
.002
0.05
.005
0.12
.008
0.20
.010
0.25
.015
0.38
.016
0.40
.018
0.45
.025
0.63
.040
1.01
.050
1.27
.185
4.70
.265
6.73
.470
11.93
.530
13.46
.590
14.98
.620
15.74
.645
16.38
1.550
39.37
1.563
39.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com