Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4412A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 10Page - Cirrus Logic CS4412A Datasheet HTML 11Page - Cirrus Logic CS4412A Datasheet HTML 12Page - Cirrus Logic CS4412A Datasheet HTML 13Page - Cirrus Logic CS4412A Datasheet HTML 14Page - Cirrus Logic CS4412A Datasheet HTML 15Page - Cirrus Logic CS4412A Datasheet HTML 16Page - Cirrus Logic CS4412A Datasheet HTML 17Page - Cirrus Logic CS4412A Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
DS786A1
CS4412A
When the device is configured for ramping (RAMP set high) and RST12 or RST34 is set low, the corre-
sponding outputs will begin to slowly ramp down from the bias point to PGND, allowing the DC-blocking
capacitor to discharge.
The ramp feature is intended for use with half-bridge outputs. For “2.1 channel” applications with stereo
half-bridge and mono full-bridge (CNFG[2:0] = 001 or 101), the ramp will only be applied to OUT1 and
OUT2 (the half-bridge channels); OUT3 and OUT4 (the full-bridge channel) will not ramp.
The ramp feature requires a 33 nF capacitor on the RAMP_CAP pin to VP. For applications that do not
enable the ramping feature, RAMP_CAP can be connected directly to VP.
It is not necessary to complete a ramp-up/down sequence before ramping up/down again.
4.2.2
Initial Pulse Edge Delay
After RST12 or RST34 is released, the CS4412A will continue to hold the corresponding power output
pins in a high-impedance state until a pulse edge is sensed on a corresponding PWM input pin. This is
done to prevent a possible DC output condition on the speakers if the PWM inputs are not yet modulating
immediately following the release of the corresponding reset signal. This initial transition delay is indepen-
dent for each input/output pin pair; each output corresponding to an inactive input will remain in a high-
impedance state until its input receives a pulse edge even if other inputs are activated. The pulse edge
must be from a digital low state to a digital high state. Once a pulse edge is detected, the corresponding
output pin will activate and switch as dictated by the output mode configuration as described in section
4.3 on page 15 until either an error condition is detected or until its reset pin is set low.
If the outputs are configured for ramping the CS4412A will perform a ramp-up sequence on OUT1/2 im-
mediately following the release of RST12 and a ramp sequence on OUT3/4 immediately following the re-
lease of RST34. See section 4.2.1 on page 13 for more information on output ramping. If a pulse edge is
detected on an input before the ramp-up sequence finishes on its corresponding output pin, the CS4412A
will continue the ramp sequence and begin normal output operation immediately following its completion.
If a pulse edge is not detected on an input by the time the ramp-up sequence has finished on its corre-
sponding output pin, the output pin will be placed into and remain in a high-impedance state until a pulse
edge is detected on the corresponding input.
4.2.3
Recommended Power-Up Sequence
1. Turn on the system power.
2. Hold RST12 and RST34 low until the power supply is stable. In this state, all associated outputs are
held in a high-impedance state.
3. Release RST12 and RST34 high.
4. Start the PWM modulator output.
4.2.4
Recommended Power-Down Sequence
1. Mute the logic-level PWM inputs present on IN1 - IN4 by applying 50 % duty-cycle input signals.
2. Hold RST12 and RST34 low.
3. Power down the remainder of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com