Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4412A Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 16Page - Cirrus Logic CS4412A Datasheet HTML 17Page - Cirrus Logic CS4412A Datasheet HTML 18Page - Cirrus Logic CS4412A Datasheet HTML 19Page - Cirrus Logic CS4412A Datasheet HTML 20Page - Cirrus Logic CS4412A Datasheet HTML 21Page - Cirrus Logic CS4412A Datasheet HTML 22Page - Cirrus Logic CS4412A Datasheet HTML 23Page - Cirrus Logic CS4412A Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
DS786A1
CS4412A
5. POWER SUPPLY, GROUNDING, AND PCB LAYOUT
5.1
Power Supply and Grounding
The CS4412A requires careful attention to power supply and grounding arrangements if its potential perfor-
mance is to be realized.
Extensive use of power and ground planes, ground plane fill in unused areas and surface mount decoupling
capacitors are recommended. It is necessary to decouple the power supply by placing capacitors directly
between the power and ground of the CS4412A. Decoupling capacitors should be as close to the pins of
the CS4412A as possible. The lowest value ceramic capacitor should be closest to the pin and should be
mounted on the same side of the board as the CS4412A to minimize inductance effects. The CRD4412A
reference design demonstrates the optimum layout and power supply arrangements.
5.1.1
Integrated VD Regulator
The CS4412A includes an internal linear regulator to provide a fixed 2.5 V supply from the VD supply volt-
age for its internal digital logic. The LVD pin must be set to indicate the voltage present on the VD pin as
shown in Table 9 below.
Table 9. Power Supply Configuration and Settings
The output of the digital regulator is presented on the VD_REG pin and may be used to provide an exter-
nal device with up to 3mA of current at its nominal output voltage of 2.5 V.
If a nominal supply voltage of 2.5 V is used as the VD supply (see the Recommended Operating Condi-
tions table on page 5), the VD and VD_REG must be connected to the VD supply source. In this config-
uration, the internal regulator is bypassed and the external supply source is used to directly drive the
internal digital logic.
5.2
QFN Thermal Pad
The CS4412A is available in a compact QFN package. The underside of the QFN package reveals a large
metal pad that serves as a thermal relief to provide for maximum heat dissipation. This pad must mate with
an equally dimensioned copper pad on the PCB and must be electrically connected to ground. A series of
thermal vias should be used to connect this copper pad to one or more larger ground planes on other PCB
layers; the copper in these ground planes will act as a heat sink for the CS4412A. The CRD4412A reference
design demonstrates the optimum thermal pad and via configuration.
VD Connection
VD_REG Connection
LVD Connection
5 V Supply
Bypass Capacitors Only
VD
3.3 V Supply
Bypass Capacitors Only
GND
2.5 V Supply
VD and Bypass Capacitors
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com