Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3702JS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3702JS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3702JS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3702JS Datasheet HTML 1Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 2Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 3Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 4Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SK3702JS
No. A0632-3/5
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT06197
ID -- VGS
IT06198
0
0
20
30
10
5
25
15
6
12345
0
0
30
40
15
25
5
35
10
20
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Tc=25
°C
4V
VGS=3V
VDS=10V
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain Current, ID -- A
Case Temperature, Tc --
°C
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
RDS(on) -- VGS
IT06199
RDS(on) -- Tc
IT06200
2
0
140
120
40
20
0
140
120
60
80
100
10
345678
--50
--25
0
25
50
75
100
125
150
9
ID=9A
Tc= 75°C
25°C
20
40
60
80
100
I D
=9A,
V GS
=4V
ID=
9A,
VGS
=10
V
--25°C
0.1
1.0
23
5 7
10
23
5 7
100
23
5 7
100
7
1000
5
7
5
3
2
5
7
3
2
10
SW Time -- ID
IT06204
IT06203
0
0.3
0.6
0.9
1.5
1.2
0.01
100
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.1
1.0
10
IS -- VSD
IT06202
2
10
23
5
7
35
7
2
1.0
3
10
5
3
1.0
2
7
5
3
2
yfs -- ID
--50
0
--25
0
25
50
75
100
2.0
1.5
0.5
1.0
2.5
125
150
VGS(off) -- Tc
IT06201
VDD=30V
VGS=10V
td(off)
tf
t r
td(on)
VDS=10V
Tc=
--25
°C
25°
C
75°
C
VGS=0V
VDS=10V
ID=1mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com