Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWD5T60TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # PWD5T60TR
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PWD5T60TR Datasheet HTML 4Page - STMicroelectronics PWD5T60TR Datasheet HTML 5Page - STMicroelectronics PWD5T60TR Datasheet HTML 6Page - STMicroelectronics PWD5T60TR Datasheet HTML 7Page - STMicroelectronics PWD5T60TR Datasheet HTML 8Page - STMicroelectronics PWD5T60TR Datasheet HTML 9Page - STMicroelectronics PWD5T60TR Datasheet HTML 10Page - STMicroelectronics PWD5T60TR Datasheet HTML 11Page - STMicroelectronics PWD5T60TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
4.2
Power MOSFETs
HIN is referred to channels HIN1, HIN2, HIN3; LIN is referred to channels LIN1, LIN2, LIN3.
Table 6. Electrical characteristics
VCC = 15 V; TJ = +25 °C, unless otherwise specified.
Symbol Parameter
Test conditions
Min
Typ
Max Unit
V(BR)DS Drain-source breakdown voltage
ID = 1 mA (1)
600
V
IDSS
Zero gate voltage drain current
VDS = 500 V
EN = SENSE = GND
1
µA
VGS(th)
Gate threshold voltage
VDS = VGS , ID = 250 µA (1)
3
4
5
V
RDS(on) Static drain-source on-resistance
ID = 1.75 A;
VGS = 10 V;
-
1.38 1.75
Ω
IAS
Avalanche current, repetitive or not repetitive
Pulse width limited by TJ max. (1)
1
A
EAS
Single pulse avalanche energy
Starting TJ = 25 °C,
ID = IAS, VDD = 50 V (1)
132
mJ
VSD
Diode forward on voltage
EN = SENSE = GND
ISD = 3.5 A;
-
-
1.6
V
1. Tested at wafer level before packaging.
PWD5T60
Electrical
characteristics
DS14558 - Rev 2
page 8/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com