Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWD5T60TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # PWD5T60TR
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60TR Datasheet(HTML) 2 Page - STMicroelectronics

  PWD5T60TR Datasheet HTML 1Page - STMicroelectronics PWD5T60TR Datasheet HTML 2Page - STMicroelectronics PWD5T60TR Datasheet HTML 3Page - STMicroelectronics PWD5T60TR Datasheet HTML 4Page - STMicroelectronics PWD5T60TR Datasheet HTML 5Page - STMicroelectronics PWD5T60TR Datasheet HTML 6Page - STMicroelectronics PWD5T60TR Datasheet HTML 7Page - STMicroelectronics PWD5T60TR Datasheet HTML 8Page - STMicroelectronics PWD5T60TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
Block diagram
Figure 1. PWD5T60 block diagram
SGND
PGND
LOGIC
SHOOT
THROUGH
PREVENTION
DEADTIME
Floating structure
+5V
IOD
Input
noise filter
+
VREF
+
-
+5V
OverTemperature
Protection
VCC UVLO
Detection
Input
noise filter
Input
noise filter
EN
noise filter
Input
noise filter
Input
noise filter
Input
noise filter
smartSD
Comparator
input filter
Floating structure
Floating structure
VCC UVLO
VCC UVLO
VCC
VCC
VCC
D1
D2
D3
VBO UVLO &
Level shifter
VBO UVLO &
Level shifter
VBO UVLO &
Level shifter
VCC
VCC
VCC
LVG1
LVG2
LVG3
BOOT3
OUT3
HVG3
BOOT1
OUT1
HVG1
BOOT2
OUT2
HVG2
VCC
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
EN
FAULT
OD
OUT1
OUT2
OUT3
VS
PWD5T60
Block diagram
DS14558 - Rev 2
page 2/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com