Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8420-CSZ Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 78Page - Cirrus Logic CS8420-CSZ Datasheet HTML 79Page - Cirrus Logic CS8420-CSZ Datasheet HTML 80Page - Cirrus Logic CS8420-CSZ Datasheet HTML 81Page - Cirrus Logic CS8420-CSZ Datasheet HTML 82Page - Cirrus Logic CS8420-CSZ Datasheet HTML 83Page - Cirrus Logic CS8420-CSZ Datasheet HTML 84Page - Cirrus Logic CS8420-CSZ Datasheet HTML 85Page - Cirrus Logic CS8420-CSZ Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
82
DS245F4
CS8420
15.1.1
Manually Accessing the E Buffer
The user can monitor the data being transferred by reading the E buffer, which is mapped into the register
space of the CS8420, via the control port. The user can modify the data to be transmitted by writing to the
E buffer.
The user can configure the interrupt enable register to cause interrupts to occur whenever D-to-E or E-to-
F buffer transfers occur. This allows determination of the allowable time periods to interact with the E buff-
er.
Also provided are D-to-E and E-to-F inhibit bits. The associated buffer transfer is disabled whenever the
user sets these bits. These may be used whenever “long” control port interactions are occurring. They can
also be used to align the behavior of the buffers with the selected audio data flow. For example, if the
audio data flow is serial port in to AES3 out, then it is necessary to inhibit D-to-E transfers, since these
would overwrite the desired transmit C data with invalid data.
Flowcharts for reading and writing to the E buffer are shown in Figures 39 and 40. For reading, since a D-
to-E interrupt just occurred, then there a substantial time interval until the next D-to-E transfer (approxi-
mately 192 frames worth of time). This is usually plenty of time to access the E data without having to
inhibit the next transfer. For writing, the sequence starts after a E-to-F transfer, which is based on the out-
put timebase. Since a D-to-E transfer could occur at any time (this is based on the input timebase), then
it is important to inhibit D-to-E transfers while writing to the E buffer until all writes are complete. Then wait
until the next E-to-F transfer occurs before enabling D-to-E transfers. This ensures that the data written
to the E buffer actually gets transmitted and not overwritten by a D-to-E transfer.
If the channel status block to transmit indicates PRO mode, then the CRCC byte is automatically calcu-
lated by the CS8420, and does not have to be written into the last byte of the block by the host microcon-
troller.
block 1
block 2
block 3
block 4
block 5
block 1
block 1
block 2
block 3
block 3
block 4
block 5
Contents of E buffer
Updated at Fsi rate
Contents of F buffer
Updated from E
Output at Fso rate
Fso > Fsi (3/2) Causes blocks 1 and 3 to be transmitted twice
Fso < Fsi (2/3) Causes blocks 3 and 6 to not be transmitted
Contents of E buffer
Updated at Fsi rate
Contents of F buffer
Updated from E
Output at Fso rate
block 1
block 2
block 3
block 4
block 5
block 6
block 7
block 1
block 2
block 4
block 5
block 7
Figure 38. Channel Status Block Handling When Fso is Not Equal to Fsi
D to E interrupt occurs
Optionally set D to E inhibit
Read E data
If set, clear D to E inhibit
Return
Figure 39. Flowchart for Reading the E Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com