Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8420-CSZ Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 21Page - Cirrus Logic CS8420-CSZ Datasheet HTML 22Page - Cirrus Logic CS8420-CSZ Datasheet HTML 23Page - Cirrus Logic CS8420-CSZ Datasheet HTML 24Page - Cirrus Logic CS8420-CSZ Datasheet HTML 25Page - Cirrus Logic CS8420-CSZ Datasheet HTML 26Page - Cirrus Logic CS8420-CSZ Datasheet HTML 27Page - Cirrus Logic CS8420-CSZ Datasheet HTML 28Page - Cirrus Logic CS8420-CSZ Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
DS245F4
25
CS8420
7.2.2
TXN and TXP Drivers
The line drivers are low-skew, low-impedance, differential outputs capable of driving cables directly. Both
drivers are set to ground during reset (RST = low), when no AES3 transmit clock is provided, and option-
ally under the control of a register bit. The CS8420 also allows immediate mute of the AES3 transmitter
audio data via a control register bit.
External components are used to terminate and isolate the external cable from the CS8420. These com-
ponents are detailed in “External AES3/SPDIF/IEC60958 Transmitter and Receiver Components” on
page 78.
7.3
Mono Mode Operation
Currently, the AES3 standard is being updated to include options for 96-kHz sample rate operation. One
method is to double the frame rate of the current format. This results in a
96-kHz sample rate, stereo signal carried over a single twisted pair cable. An alternate method is where the
2 sub-frames in a 48-kHz frame rate AES3 signal are used to carry consecutive samples of a mono signal,
resulting in a 96-kHz sample rate stream. This allows older equipment, whose AES3 transmitters and re-
ceivers are not rated for 96-kHz frame rate operation, to handle 96-kHz sample rate information. In this
“mono mode”, 2 AES3 cables are needed for stereo data transfer. The CS8420 offers mono mode opera-
tion, both for the AES3 receiver and for the AES3 transmitter. Figure 21 shows the operation of mono mode
in comparison with normal stereo mode. The receiver and transmitter sections may be independently set to
mono mode via the MMR and MMT control bits.
The receiver mono mode effectively doubles Fsi compared to the input frame rate. The clock output on the
RMCK pin tracks Fsi, and so is doubled in frequency compared to stereo mode. In mono mode, A and B
sub-frames are routed to the SRC inputs as consecutive samples.
When the transmitter is in mono mode, either A or B SRC consecutive outputs are routed alternately to A
and B sub-frames in the AES3 output stream. Which channel status block is transmitted is also selectable.
For the AES3 input to serial audio port output data flow, in receiver mono mode, then the receiver will run
at a frame rate of Fsi/2, and the serial audio output port will run at Fsi. Identical data will appear in both left
and right data fields on the SDOUT pin.
For the serial audio input port to AES3 transmitter data flow, in transmitter mono mode, then the input port
will run at Fso audio sample rate, while the AES3 transmitter frame rate will be at Fso/2. The data from either
consecutive left, or right, positions will be selected for transmitting in A and B sub-frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com