Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFR4 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # MFR4
Description  Metal Film Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

MFR4 Datasheet(HTML) 1 Page - Welwyn Components Limited

  MFR4 Datasheet HTML 1Page - Welwyn Components Limited MFR4 Datasheet HTML 2Page - Welwyn Components Limited MFR4 Datasheet HTML 3Page - Welwyn Components Limited MFR4 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Metal Film Resistors
MFR Series
• Professional grade approved to
BSCECC 40101-803 and 019
• Tolerances down to 0.5%
• Temperature coefficient down to 50ppm/°C
5
R
F
M
4
R
F
M
3
R
F
M
5
7
.
0
5
.
0
4
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
it
a
r
r
e
w
o
P
Resistance range
ohms
10R - 1M
1R0 - 10M
1R0 - 1M
0
5
3
0
5
3
0
0
2
s
tl
o
v
e
g
a
tl
o
v
t
n
e
m
e
l
e
g
n
it
i
m
i
L
0
5
0
5
C
°
/
m
p
p
R
C
T
≤10:150 >10:100*
2
,
1
,
5
.
0
2
,
1
,
5
.
0
1
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
* Note:- Tighter TCR’S are available on professional grade, consult factory for details.
Electrical Data
X
E
Z
E
X
F
Z
F
e
l
y
t
S
9
1
0
-
1
0
1
0
4
C
C
E
C
d
e
v
o
r
p
p
A
5
.
0
5
.
0
5
2
.
0
5
2
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
it
a
r
r
e
w
o
P
M
1
o
t
0
1
0
M
1
o
t
0
1
M
1
o
t
1
M
1
o
t
1
s
m
h
o
.
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
5
3
0
5
3
0
5
2
0
5
2
s
tl
o
v
e
g
a
tl
o
v
t
n
e
m
e
l
e
g
n
it
i
m
i
L
0
5
2
0
0
1
0
5
2
0
0
1
C
°
/
m
p
p
R
C
T
5.1 to 9.1 : 200 5.1 to 9.1 : 500
2
,
1
2
,
1
2
,
1
2
,
1
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
K
C
C
C
K
B
C
B
e
l
y
t
S
3
0
8
-
1
0
1
0
4
C
C
E
C
d
e
v
o
r
p
p
A
5
2
.
0
5
2
.
0
5
2
1
.
0
5
2
1
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
it
a
r
r
e
w
o
P
M
1
o
t
0
1
M
1
o
t
0
1
M
1
o
t
0
1
M
1
o
t
0
1
s
m
h
o
.
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
5
2
0
5
2
0
0
2
0
0
2
s
tl
o
v
e
g
a
tl
o
v
t
n
e
m
e
l
e
g
n
it
i
m
i
L
0
0
1
0
5
0
0
1
0
5
C
°
/
m
p
p
R
C
T
2
,
1
,
5
.
0
2
,
1
,
5
.
0
2
,
1
,
5
.
0
2
,
1
,
5
.
0
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
d
e
r
r
e
f
e
r
p
6
9
E
,
4
2
E
s
e
u
l
a
v
d
r
a
d
n
a
t
S
2
1
1
0
4
1
0
5
1
t
t
a
w
/
C
°
e
c
n
a
d
e
p
m
i
l
a
m
r
e
h
T
5
5
1
o
t
5
5
-
C
°
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
Issue D · 05.07
A subsidiary of
TT electronics plc
Welwyn Components
135
Dimensions (mm) & Weight (g)
Physical Data
L
D
f
d
MFR3
Professional
Commercial
Professional
Commercial
Professional
Commercial
MFR4
MFR5
Product grades available
commercial, professional
commercial
Type
L max
3.5
3.7
6.2
6.8
9.0
10.0
1.8
2.0
2.5
3.0
3.6
3.7
22.4
22.4
21.0
21.0
19.6
19.6
0.5
0.45
0.6
0.55
0.8
0.6
7.6
7.6
0.5
10.2
10.2
12.7
12.7
0.5
0.6
0.6
1.2
0.6
0.1
0.1
0.3
0.3
0.5
0.5
D max
F min
d nom
PCB
mount
centres
Min
bend
radius
Wt.
nom


Similar Part No. - MFR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MFR4 TTELEC-MFR4 Datasheet
498Kb / 4P
Optional RoHS compliant or Lead bearing wire finishes
logo
List of Unclassifed Man...
MFR4-22KFI ETC2-MFR4-22KFI Datasheet
498Kb / 4P
Metal Film Resistors
logo
Freescale Semiconductor...
MFR4200 FREESCALE-MFR4200 Datasheet
1Mb / 260P
FlexRay Communication Controllers
MFR4200MAE40 FREESCALE-MFR4200MAE40 Datasheet
1Mb / 260P
FlexRay Communication Controllers
MFR4200MPB40 FREESCALE-MFR4200MPB40 Datasheet
1Mb / 260P
FlexRay Communication Controllers
More results

Similar Description - MFR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
Metal Film Resistors
28-Aug-06
logo
Welwyn Components Limit...
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
Metal Film Resistors
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
METAL FILM RESISTORS
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
Metal Film Resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
Metal Film Resistors
logo
Vishay Siliconix
RLR05C1652FSB14 VISHAY-RLR05C1652FSB14 Datasheet
151Kb / 4P
Metal Film Resistors
19-Nov-12
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
Metal film resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com