Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFR4 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # MFR4
Description  Metal Film Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

MFR4 Datasheet(HTML) 2 Page - Welwyn Components Limited

  MFR4 Datasheet HTML 1Page - Welwyn Components Limited MFR4 Datasheet HTML 2Page - Welwyn Components Limited MFR4 Datasheet HTML 3Page - Welwyn Components Limited MFR4 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Film Resistors
MFR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 05.07
Welwyn Components
136
Graph 1 – Load for 1000 hours at 70°C: maximum changes
Graph 2 – Load for 1000 hours at 70°C: maximum changes
CECC 40101-019
Actual Performance
Requirements
Maximum
Typical
Load at commercial rating : 1000 hours at 70°C
1
h
p
a
r
G
e
e
S
8
.
0
%
R
Load at CECC rating :
1000 hours at 70°C
R %
2
0.5
See Graph 1
Shelf life :
12 months at room temperature
R %
Not Specified
0.1
0.07
C
°
5
5
1
t
a
o
r
e
z
g
n
it
a
r
e
D
Short term overload
R %
0.5
0.25
0.03
Climatic
R %
2
0.5
0.2
6
5
/
5
2
1
/
5
5
y
r
o
g
e
t
a
c
c
it
a
m
il
C
Long term damp heat
R %
2
0.5
0.3
Temperature rapid change
R %
0.5
0.25
0.05
Resistance to solder heat
R %
0.5
0.25
0.02
Vibration and bump
R %
0.5
0.1
0.01
7
0
.
0
1
.
0
d
e
if
i
c
e
p
s
t
o
N
V
/
V
µ
)
y
c
n
e
u
q
e
r
f
f
o
e
d
a
c
e
d
a
n
i(
.
e
s
i
o
N
G
1
>
G
1
>
G
1
>
s
m
h
o
e
c
n
a
t
s
i
s
e
r
n
o
it
a
l
u
s
n
I
n
i
m
0
0
4
n
i
m
0
0
4
n
i
m
0
5
3
s
tl
o
v
f
o
o
r
p
e
g
a
tl
o
V
Pulse handling
Data available upon request
Performance Data - Type MFR 3
CECC 40101-019
CECC 40101-803
Actual Performance
Requirements
Requirements
Maximum
Typical
Load at commercial rating :
1000 hours at 70°C
2
h
p
a
r
G
e
e
S
8
.
0
%
R
Load at CECC rating :
1000 hours at 70°C
R %
2
1
0.5
See Graph 2
Shelf life :
12 months at room temperature
R %
Not specified
Not Specified
0.1
0.07
C
°
5
5
1
t
a
o
r
e
z
C
°
5
5
1
t
a
o
r
e
z
g
n
it
a
r
e
D
Short term overload
R %
0.5
0.25
0.25
0.01
Climatic
R %
2
1
0.5
0.2
6
5
/
5
2
1
/
5
5
6
5
/
5
2
1
/
5
5
y
r
o
g
e
t
a
c
c
it
a
m
il
C
Long term damp heat
R %
2
1
0.5
0.3
Temperature rapid change
R %
0.5
0.25
0.25
0.04
Resistance to solder heat
R %
0.5
0.25
0.25
0.07
Vibration and bump
R %
0.5
0.25
0.1
0.01
Noise. (in a decade of frequency)
µV/V
Not Specified
Not Specified
0.1
0.1
Insulation resistance
ohms
>1G
>1G
>1G
>1G
n
i
m
0
0
5
n
i
m
0
0
5
n
i
m
0
0
4
n
i
m
0
0
5
s
tl
o
v
f
o
o
r
p
e
g
a
tl
o
V
t
s
e
u
q
e
r
n
o
p
u
e
l
b
a
li
a
v
a
a
t
a
D
g
n
il
d
n
a
h
e
s
l
u
P
Performance Data - Type MFR 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com