Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9DB801C Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9DB801C
Description  Eight Output Differential Buffer for PCI Express (50-200MHz)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB801C Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9DB801C Datasheet HTML 1Page - Integrated Device Technology ICS9DB801C Datasheet HTML 2Page - Integrated Device Technology ICS9DB801C Datasheet HTML 3Page - Integrated Device Technology ICS9DB801C Datasheet HTML 4Page - Integrated Device Technology ICS9DB801C Datasheet HTML 5Page - Integrated Device Technology ICS9DB801C Datasheet HTML 6Page - Integrated Device Technology ICS9DB801C Datasheet HTML 7Page - Integrated Device Technology ICS9DB801C Datasheet HTML 8Page - Integrated Device Technology ICS9DB801C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IDTTM/ICSTM Eight Output Differential Buffer for PCI Express (50-200MHz)
ICS9DB801C
REV C 08/16/07
ICS9DB801C
Eight Output Differential Buffer for PCI Express (50-200MHz)
5
Pin Description for OE_INV = 1
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
SRC_DIV#
INPUT
Active low Input for determining SRC output frequency SRC or
SRC/2.
0 = SRC/2, 1= SRC
2
VDD
POWER
Power supply, nominal 3.3V
3
GND
POWER
Ground pin.
4
SRC_IN
INPUT
0.7 V Differential SRC TRUE input
5
SRC_IN#
INPUT
0.7 V Differential SRC COMPLEMENTARY input
6
OE0#
INPUT
Active low input for enabling DIF pair 0.
1 = tri-state outputs, 0 = enable outputs
7
OE3#
INPUT
Active low input for enabling DIF pair 3.
1 = tri-state outputs, 0 = enable outputs
8
DIF_0
OUTPUT 0.7V differential true clock outputs
9
DIF_0#
OUTPUT 0.7V differential complement clock outputs
10
GND
POWER
Ground pin.
11
VDD
POWER
Power supply, nominal 3.3V
12
DIF_1
OUTPUT 0.7V differential true clock outputs
13
DIF_1#
OUTPUT 0.7V differential complement clock outputs
14
OE1#
INPUT
Active low input for enabling DIF pair 1.
1 = tri-state outputs, 0 = enable outputs
15
OE2#
INPUT
Active low input for enabling DIF pair 2.
1 = tri-state outputs, 0 = enable outputs
16
DIF_2
OUTPUT 0.7V differential true clock outputs
17
DIF_2#
OUTPUT 0.7V differential complement clock outputs
18
GND
POWER
Ground pin.
19
VDD
POWER
Power supply, nominal 3.3V
20
DIF_3
OUTPUT 0.7V differential true clock outputs
21
DIF_3#
OUTPUT 0.7V differential complement clock outputs
22
BYPASS#/PLL
INPUT
Input to select Bypass(fan-out) or PLL (ZDB) mode
0 = Bypass mode, 1= PLL mode
23
SCLK
INPUT
Clock pin of SMBus circuitry, 5V tolerant.
24
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com