Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9DB801C Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9DB801C
Description  Eight Output Differential Buffer for PCI Express (50-200MHz)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB801C Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9DB801C Datasheet HTML 1Page - Integrated Device Technology ICS9DB801C Datasheet HTML 2Page - Integrated Device Technology ICS9DB801C Datasheet HTML 3Page - Integrated Device Technology ICS9DB801C Datasheet HTML 4Page - Integrated Device Technology ICS9DB801C Datasheet HTML 5Page - Integrated Device Technology ICS9DB801C Datasheet HTML 6Page - Integrated Device Technology ICS9DB801C Datasheet HTML 7Page - Integrated Device Technology ICS9DB801C Datasheet HTML 8Page - Integrated Device Technology ICS9DB801C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ICS9DB801C
IDTTM/ICSTM Eight Output Differential Buffer for PCI Express (50-200MHz)
ICS9DB801C
REV C 08/16/07
Eight Output Differential Buffer for PCI Express (50-200MHz)
DATASHEET
1
STOP
LOGIC
SRC_IN
SRC_IN#
DIF(7:0))
CONTROL
LOGIC
BYPASS#/PLL
SDATA
SCLK
PD#
SPREAD
COMPATIBLE
PLL
8
IREF
OE_(7:0)
8
LOCK
SRC_STOP#
HIGH_BW#
M
U
X
Description
Output Features
The 9DB801C is a DB800 Version 2.0 Yellow Cover part with
PCI Express support. It can be used in PC or embedded
systems to provide outputs that have low cycle-to-cycle jitter
(50ps), low output-to-output skew (100ps), and are PCI Express
gen 1 compliant. The 9DB801C supports a 1 to 8 output
configuration, taking a spread or non spread differential HCSL
input from a CK410(B) main clock such as 954101 and
932S401, or any other differential HCSL pair. 9DB801C can
generate HCSL or LVDS outputs from 50 to 200MHz in PLL
mode or 0 to 400Mhz in bypass mode. There are two de-jittering
modes available selectable through the HIGH_BW# input pin,
high bandwidth mode provides de-jittering for spread inputs and
low bandwidth mode provides extra de-jittering for non-spread
inputs. The SRC_STOP#, PD#, and individual OE# real-time
input pins provide completely programmable power
management control.
•
8 - 0.7V current-mode differential output pairs
•
Supports zero delay buffer mode and fanout mode
•
Bandwidth programming available
Funtional Block Diagram
Key Specifications
•
Outputs cycle-cycle jitter < 50ps
•
Outputs skew: 50ps
•
50 - 200MHz operation
•
Extended frequency range in bypass mode to 400 MHz
•
PCI Express Gen I compliant
•
Real time PLL lock detect output pin
•
48-pin SSOP/TSSOP package
•
Available in RoHS compliant packaging
Features/Benefits
•
Spread spectrum modulation tolerant, 0 to -0.5% down
spread and +/- 0.25% center spread.
•
Supports undriven differential outputs in PD# and
SRC_STOP# modes for power management.
•
Supports polarity inversion to the output enables,
SRC_STOP and PD.
Note: Polarities shown for OE_INV = 0.


Similar Part No. - ICS9DB801C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9DB801C RENESAS-ICS9DB801C Datasheet
283Kb / 20P
Eight Output Differential Buffer for PCI Express (50-200MHz)
2019
More results

Similar Description - ICS9DB801C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB108 ICST-ICS9DB108 Datasheet
109Kb / 15P
Eight Output Differential Buffer for PCI-Express
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
Four Output Differential Buffer for PCI-Express
ICS9DB401 ICST-ICS9DB401 Datasheet
163Kb / 16P
Four Output Differential Buffer for PCI Express
logo
Integrated Device Techn...
ICS9DBL411 IDT-ICS9DBL411 Datasheet
82Kb / 9P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
Four Output Differential Buffer for PCI Express
1/27/11
ICS9DB104 RENESAS-ICS9DB104 Datasheet
326Kb / 15P
Four Output Differential Buffer for PCI-Express
2019
ICS9DB108 RENESAS-ICS9DB108 Datasheet
334Kb / 17P
Eight Output Differential Buffer for PCI-Express
2019
ICS9DB801C RENESAS-ICS9DB801C Datasheet
283Kb / 20P
Eight Output Differential Buffer for PCI Express (50-200MHz)
2019
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com