Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65KG512AB8W9 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M65KG512AB8W9
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB8W9 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M65KG512AB8W9 Datasheet HTML 6Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 7Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 8Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 9Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 10Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 11Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 12Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 13Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Signal descriptions
M65KG526AB
10/54
2.6
Row Address Strobe (RAS)
The Row Address Strobe, RAS, is used in conjunction with Address Inputs A0-A12 and
BA1-BA0, to select the starting address location prior to a Read or Write.
2.7
Write Enable (W)
The Write Enable input, W, controls writing.
2.8
Clock Inputs (K, K)
The Clock signals, K and K, are the master clock inputs. All input signals except
UDQM/LDQM, UDQS/LDQS and DQ0-DQ15 are referred to the cross point of K rising edge
and K falling edge. During read operations, UDQS/LDQS and DQ0-DQ15 are referred to the
cross point of K rising edge and K falling edge. During write operations, UDQM/LDQM and
DQ0-DQ15 are referred to the cross point of UDQS/LDQS and VREF, and UDQS/LDQS to
the cross point of K rising edge and K falling edge.
2.9
Clock Enable (KE)
When driven Low, VIL, the Clock Enable input, KE, is used to suspend the Clock K, to switch
the device to Self Refresh, Power-Down or Deep Power-Down mode.
The Clock Enable, KE, must be stable for at least one clock cycle. This means that, if KE
level changes on K rising edge and K falling edge with a setup time of tAS, it must be at the
same level by the next K rising edge with a hold time of tAH.
2.10
Lower/Upper Data Input Mask (LDQM, UDQM)
Lower Data Input Mask and Upper Data Input Mask are input signals used to mask the data
input during write operations. UDQM and LDQM are sampled when UDQS/LDQS level
crosses VREF. When LDQM is Low, VIL, DQ0 to DQ7 inputs are selected. When UDQM is
Low, VIL, DQ8 to DQ15 inputs are selected.
2.11
Lower/Upper Data Read/Write Strobe Input/Output (LDQS,
UDQS)
LDQS and UDQS act as write data strobe (as input) and read data strobe (as output)
respectively. LDQS and UDQS are the strobe signals for DQ0 to DQ7 and DQ8 to DQ15,
respectively. During read operations, the device outputs the data strobe through
LDQS/UDQS pins simultaneously with data (see Figure 10). Data is output at both the rising
and falling edge of the data strobe.
During write operations, LDQS/UDQS should be input as the strobe for the input data
together with LDQM/UDQM (see Figure 18). The inputs data should be synchronized with
the high and low pulse of LDQS/UDQS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com