Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91305YGLFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS91305YGLFT
Description  High Performance Communication Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91305YGLFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS91305YGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS91305
0092G—08/06/07
Block Diagram
High Performance Communication Buffer
Pin Configuration
•
Zero input - output delay
•
Frequency range 10 - 133 MHz (3.3V)
•
5V tolerant input REF
•
High loop filter bandwidth ideal for Spread
Spectrum applications.
•
Less than 200 ps Jitter between outputs
•
Skew controlled outputs
•
Skew less than 250 ps between outputs
•
Available in 8 pin 150 mil SOIC & 173 mil
TSSOP packages
•
3.3V ±10% operation
The ICS91305 is a high performance, low skew, low jitter
clock driver. It uses a phase lock loop (PLL) technology
to align, in both phase and frequency, the REF input with
the CLKOUT signal. It is designed to distribute high speed
clocks in communication systems operating at speeds
from 10 to 133 MHz.
ICS91305 is a zero delay buffer that provides
synchronization between the input and output. The
synchronization is established via CLKOUT feed back to
the input of the PLL. Since the skew between the input and
output is less than +/- 350 pS, the part acts as a zero delay
buffer.
The ICS91305 comes in an eight pin 150 mil SOIC
package. It has five output clocks. In the absence of REF
input, will be in the power down mode. In this mode, the
PLL is turned off and the output buffers are pulled low.
Power down mode provides the lowest power consumption
for a standby condition.
8 pin SOIC & TSSOP
REF
CLK2
CLK1
GND
CLKOUT
CLK4
VDD
CLK3
1
2
3
4
8
7
6
5


Similar Part No. - ICS91305YGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
ICS91305YGILF-T ICSI-ICS91305YGILF-T Datasheet
124Kb / 8P
High Performance Communication Buffer
More results

Similar Description - ICS91305YGLFT

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A212 MITEL-1A212 Datasheet
198Kb / 10P
High-Performance DUPLEX(Half-Duplex Communication)
1A353 MITEL-1A353 Datasheet
195Kb / 10P
High-Performance Duplex(Half-Duplex Communication)
logo
Integrated Circuit Syst...
ICS91309 ICST-ICS91309 Datasheet
106Kb / 9P
High performance Communication Buffer
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Texas Instruments
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
High-Performance Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
High Performance LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS91305 RENESAS-ICS91305 Datasheet
287Kb / 9P
High Performance Communication Buffer
2019
ICS91305I RENESAS-ICS91305I Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
ICS91309 RENESAS-ICS91309 Datasheet
329Kb / 11P
High Performance Communication Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com