Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91305YGLFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS91305YGLFT
Description  High Performance Communication Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91305YGLFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS91305YGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS91305
0092G—08/06/07
Ordering Information
ICS91305yMLFT
150 mil (Narrow Body) SOIC
MIN
MAX
MIN
MAX
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
E
3.80
4.00
.1497
.1574
e
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
N
α
0°
8°
0°
8°
VARIATIONS
MIN
MAX
MIN
MAX
8
4.80
5.00
.1890
.1968
10-0030
0.050 BASIC
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
Reference Doc.: JEDEC Publication 95, MS-012
150 mil (Narrow Body) SOIC
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
SEE VARIATIONS
SEE VARIATIONS
1.27 BASIC
Example:
Designation for tape and reel packaging
Lead Free, ROHS Compliant (Optional)
Package Type
M = SOIC
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y M LF- T
SEA
TING
PLANE
A1
B
A
e
.10 (.004)
h x 45°
α
L
C
INDEX
AREA
12
N
D
E
H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com