Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CFIT Datasheet(PDF) 100 Page - Integrated Circuit Systems

Part # ICS1893CFIT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFIT Datasheet(HTML) 100 Page - Integrated Circuit Systems

Back Button ICS1893CFIT Datasheet HTML 96Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 97Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 98Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 99Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 100Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 101Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 102Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 103Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 104Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
100
Chapter 9 DC and AC Operating Conditions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.3 Recommended Component Values *
† There are two IEEE Std. 802.3 requirements that define the tolerance for the frequency of the oscillator.
• Clause 22.2.2.1 requires the MII TX_CLK to have an accuracy of ± 100 ppm.
• Clause 24.2.3.4 is more stringent. It requires the code-bit timer to have an accuracy of 0.005% (that is, ±50 ppm).
Figure 9-1. ICS1893CF 10TCSR and 100TCSR
* For backward compatibillity, refer to the “1893C Alternate Schematic” application note.
Table 9-3. Recommended Component Values for ICS1893CF
Parameter
Minimum
Typical
Maximum
Tolerance
Units
Oscillator Frequency
–
25
–
± 50 ppm †
MHz
10TCSR Resistor Value
–
2.43k
–
1%
Ω
100TCSR Resistor Value
–
See Figure 9-1
–1%
Ω
LED Resistor Value
510
1k
10k
–
Ω
Note:
1. The bias resistor networks set the 10baseT and 100baseTX output amplitude levels.
2. Amplitude is directly related to current sourced out of the 10TCSR and 100TCSR pins.
3. Resistor values shown above are typical. User should check amplitudes and adjust for transformer effects
4. The VDD connection to the 18.2K resistor can connect to any VDD. The 18.2K resistor provides negative
feedback to compensate for VDD changes. Lowering the 18.2K value will lower the 100baseT amplitude.
Typical Board Layouts
10TCSR and 100TCSR Bias Resistors
ICS1893CF
18
19
20
VDD
10TCSR
100TCSR
2.43K
Ω 1%
VDD
18.2K
Ω 1%
10TCSR
1.82K
Ω 1%
100TCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com