Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CFIT Datasheet(PDF) 38 Page - Integrated Circuit Systems

Part # ICS1893CFIT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFIT Datasheet(HTML) 38 Page - Integrated Circuit Systems

Back Button ICS1893CFIT Datasheet HTML 34Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 35Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 36Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 37Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 38Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 39Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 40Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 41Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 42Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
38
Chapter 6 Functional Blocks
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
An ICS1893CF SQE Test Function is:
• Enabled only when all the following conditions are true:
– The ICS1893CF is in node mode.
– The ICS1893CF is in half-duplex mode.
– The ICS1893CF has a valid link.
– The 10Base-T Operations Register’s SQE Test Inhibit bit (bit 18.2) is logic zero (the default).
– The ICS1893CF TX_EN signal has transitioned from asserted (high) to de-asserted (low).
• Disabled whenever any of the following are true:
– The ICS1893CF is in full-duplex mode.
– The ICS1893CF detects a link failure.
– The ICS1893CF SQE Test Inhibit bit (bit 18.2) in the 10Base-T Operations Register is logic one. [This
bit provides the Station Management entity (STA) with the ability to disable the SQE Test function.]
Note:
1. In 10Base-T mode, a bit time has a typical duration of 100 ns.
2. The SQE Test also has the name 10Base-T Heartbeat. For details on the SQE waveforms, see Section
9.5.17, “10Base-T: Heartbeat Timing (SQE)”.
6.5.11 10Base-T Operation: Twisted-Pair Transmitter
The 10Base-T Twisted-Pair Transmitter is functionally similar to the 100Base-TX Twisted-Pair Transmitter.
The primary differences are in the data rate and signaling, as specified in the ISO/IEC specifications. For
more information, see Section 6.4.5, “100Base-TX Operation: Twisted-Pair Transmitter”.
6.5.12 10Base-T Operation: Twisted-Pair Receiver
The 10Base-T Twisted-Pair Receiver is functionally similar the 100Base-TX Twisted-Pair Receiver. The
primary differences are in the data rate and signaling, as specified in the ISO/IEC specifications. For more
information, see Section 6.4.6, “100Base-TX Operation: Twisted-Pair Receiver”.
6.5.13 10Base-T Operation: Auto Polarity Correction
The ICS1893CF can sense and then automatically correct a signal polarity that is reversed on its
Twisted-Pair Receiver inputs. A signal polarity reversal occurs when the input signals on an ICS1893CF’s
TP_RXP and TP_RXN pins are crossed or swapped (a problem that can occur during network installation
or wiring).
The ICS1893CF accomplishes reversed signal polarity detection and correction by examining the signal
polarity of the Normal Link Pulses (NLPs). In 10Base-T mode, an ICS1893CF transmits and receives NLPs
when its link is in the Idle state. In 100Base-TX mode, an ICS1893CF transmits and receives NLPs during
Auto-Negotiation. An STA can control this feature using the 10Base-T Operations Register bit 18.3, the
Auto Polarity-Inhibit bit. When this bit is logic:
• Zero, the ICS1893CF automatically senses and corrects a reversed or inverted signal polarity on its
Twisted-Pair Receive pins (TP_RXP and TP_RXN).
• One, the ICS1893CF disables this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com