Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752A Datasheet(PDF) 32 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 28Page - Integrated Device Technology STAC9752A Datasheet HTML 29Page - Integrated Device Technology STAC9752A Datasheet HTML 30Page - Integrated Device Technology STAC9752A Datasheet HTML 31Page - Integrated Device Technology STAC9752A Datasheet HTML 32Page - Integrated Device Technology STAC9752A Datasheet HTML 33Page - Integrated Device Technology STAC9752A Datasheet HTML 34Page - Integrated Device Technology STAC9752A Datasheet HTML 35Page - Integrated Device Technology STAC9752A Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
32
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
5.2.
AC-Link Serial Interface Protocol
The AC‘97 Controller signals synchronization of all AC-Link data transactions. The AC‘97 CODEC,
Controller, or external clock source drives the serial bit clock onto AC-Link, which the AC‘97 Control-
ler then qualifies with a synchronization signal to construct audio frames. SYNC, fixed at 48KHz, is
derived by dividing down the serial bit clock (BIT_CLK). BIT_CLK, fixed at 12.288 MHz, provides the
necessary clocking granularity to support twelve 20-bit outgoing and incoming time slots. AC-Link
serial data is transitioned on each rising edge of BIT_CLK. The receiver of AC-Link data (CODEC for
outgoing data and Controller for incoming data) samples each serial bit on the falling edges of
BIT_CLK.
The AC-Link protocol provides for a special 16-bit time slot (Slot 0) wherein each bit conveys a valid
tag for its corresponding time slot within the current audio frame. A 1 in a given bit position of slot 0
indicates that the corresponding time slot within the current audio frame has been assigned to a data
stream, and contains valid data. If a slot is tagged invalid, it is the responsibility of the source of the
data, (AC‘97 CODEC for the input stream, AC‘97 Controller for the output stream), to stuff all bit
positions with 0s during that slot’s active time.
SYNC remains high for a total duration of 16 BIT_CLKs at the beginning of each audio frame. The
portion of the audio frame where SYNC is high is defined as the “Tag Phase”. The remainder of the
audio frame where SYNC is low is defined as the “Data Phase”.
Additionally, for power savings, all clock, sync, and data signals can be halted. This requires that an
AC‘97 CODEC be implemented as a static design to allow its register contents to remain intact when
entering a power savings mode.
12
Modem IO control
GPIO write port for modem Control
12
CODEC IRQ
Can be used by CODEC if a modem CODEC is not present.
10-11
SPDIF Out
Optional AC-Link bandwidth for SPDIF output
10-12
Double Rate Audio
Optional AC-Link bandwidth for 88.2 or 96KHz on L, C, R
channels
Table 5. The AC-Link Input Slots (transmitted from the CODEC)
Slot
Name
Description
0
SDATA_IN TAG
MSBs indicate which slots contain valid data
1
STATUS ADDR read port
MSBs echo register address; LSBs indicate which slots request data
2
STATUS DATA read port
16-bit command register read data
3, 4
PCM L&R ADC record
20-bit PCM data from Left and Right inputs
5
Modem Line 1 ADC
16-bit modem data from modem Line1 input
6-11
PCM ADC Record
20-bit PCM data - Alternative Slots for Input
12
GPIO Status
GPIO read port and interrupt status
Table 4. AC-Link Output Slots (transmitted from the Controller)
Slot
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com