Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752A Datasheet(PDF) 39 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 35Page - Integrated Device Technology STAC9752A Datasheet HTML 36Page - Integrated Device Technology STAC9752A Datasheet HTML 37Page - Integrated Device Technology STAC9752A Datasheet HTML 38Page - Integrated Device Technology STAC9752A Datasheet HTML 39Page - Integrated Device Technology STAC9752A Datasheet HTML 40Page - Integrated Device Technology STAC9752A Datasheet HTML 41Page - Integrated Device Technology STAC9752A Datasheet HTML 42Page - Integrated Device Technology STAC9752A Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
39
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
AC-Link are aware of the start of a new audio frame. On the next rising of BIT_CLK, the AC‘97
CODEC transitions SDATA_IN into the first bit position of slot 0 (“CODEC Ready” bit). Each new bit
position is presented to AC-Link on a rising edge of BIT_CLK, and subsequently sampled by the
AC‘97 Controller on the following falling edge of BIT_CLK. This sequence ensures that data transi-
tions and subsequent sample points for both incoming and outgoing data streams are time aligned.
Figure 18. Start of an Audio Input Frame
SDATA_IN’s composite stream is MSB justified (MSB first) with all non-valid bit positions (for
assigned and/or unassigned time slots) stuffed with 0s by the AC‘97 CODEC. SDATA_IN data is
sampled on the falling edges of BIT_CLK.
5.4.1.
Slot 0: TAG
Within slot 0, the first bit is a global bit (SDATA_IN slot 0, bit 15) which flags whether the AC‘97
CODEC is in the “CODEC Ready” state or not. If the “CODEC Ready” bit is a 0, this indicates that
the AC‘97 CODEC is not ready for normal operation. This condition is normal following the deasser-
tion of power on reset for example, while the AC‘97 CODEC’s voltage references settle. When the
AC-Link “CODEC Ready” indicator bit is a 1 it indicates that the AC-Link and AC‘97 CODEC control
and status registers are in a fully operational state. CODEC must assert “CODEC Ready” within
400
µs after it starts receiving valid SYNC pulses from the controller, to provide indication of connec-
tion to the link and Control/Status registers are available for access. The AC’97 Controller and
related software must wait until all of the lower four bits of the Control/Status Register, 26h, are set
SYNC
BIT_CLK
SDATA_IN
slot1
slot2
End of previous audio frame
slot(12)
"0"
19
Data Phase
20.8 uS (48 kHZ)
Tag Phase
12.288 MHz
Time Slot "Valid" Bits
Slot 1
Slot 2
Slot 3
Slot 12
("1" = time slot contains valid PCM data)
valid
"0"
19
19
"0"
Frame
19
"0"
"0"
"0"
"0"
SYNC
BIT_CLK
SDATA_IN
slot1
slot2
End of previous audio frame
Codec
Ready
SYNC
detected
first
SDATA_OUT
bit of frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com