Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9202 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 31Page - Integrated Device Technology STAC9202 Datasheet HTML 32Page - Integrated Device Technology STAC9202 Datasheet HTML 33Page - Integrated Device Technology STAC9202 Datasheet HTML 34Page - Integrated Device Technology STAC9202 Datasheet HTML 35Page - Integrated Device Technology STAC9202 Datasheet HTML 36Page - Integrated Device Technology STAC9202 Datasheet HTML 37Page - Integrated Device Technology STAC9202 Datasheet HTML 38Page - Integrated Device Technology STAC9202 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
35
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.4.18.
AFG SysID
Table 43. AFG GPIOSticky Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:4]
Rsvd
R
0x0
Reserved
[3]
Mask3
RW
0x0
GPIO3 input type (when configured as input):
0 = Non-Sticky (level-sensitive)
1 = Sticky (edge-sensitive)
Sticky inputs are cleared by writing zero to
corresponding bit of GPIO Data register. GPIOPolarity
determines rising or falling edge sensitivity.
[2]
Mask2
RW
0x0
GPIO2input type (when configured as input):
0 = Non-Sticky (level-sensitive)
1 = Sticky (edge-sensitive)
Sticky inputs are cleared by writing zero to
corresponding bit of GPIO Data register. GPIOPolarity
determines rising or falling edge sensitivity.
[1]
Mask1
RW
0x0
GPIO1input type (when configured as input):
0 = Non-Sticky (level-sensitive)
1 = Sticky (edge-sensitive)
Sticky inputs are cleared by writing zero to
corresponding bit of GPIO Data register. GPIOPolarity
determines rising or falling edge sensitivity.
[0]
Mask0
RW
0x0
GPIO0input type (when configured as input):
0 = Non-Sticky (level-sensitive)
1 = Sticky (edge-sensitive)
Sticky inputs are cleared by writing zero to
corresponding bit of GPIO Data register. GPIOPolarity
determines rising or falling edge sensitivity.
Table 44. AFG SysID Command Verb Format
Verb ID
Payload
Response
Get
F20
00
See bitfield table
Set1
720
See bits [7:0] of bitfield table
0000_0000h
Set2
721
See bits [15:8] of bitfield table
0000_0000h
Set3
722
See bits [23:16] of bitfield table
0000_0000h
Set4
723
See bits [31:24] of bitfield table
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com