Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9202 Datasheet(PDF) 55 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 55 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 51Page - Integrated Device Technology STAC9202 Datasheet HTML 52Page - Integrated Device Technology STAC9202 Datasheet HTML 53Page - Integrated Device Technology STAC9202 Datasheet HTML 54Page - Integrated Device Technology STAC9202 Datasheet HTML 55Page - Integrated Device Technology STAC9202 Datasheet HTML 56Page - Integrated Device Technology STAC9202 Datasheet HTML 57Page - Integrated Device Technology STAC9202 Datasheet HTML 58Page - Integrated Device Technology STAC9202 Datasheet HTML 59Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
55
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.8.3.
SPDIFoutCnvtr FrmtCap
Table 90. SPDIFoutCnvtr FrmtCap Command Verb Format
Verb ID
Payload
Response
Get
F00
0A
See bitfield table
Table 91. SPDIFoutCnvtr FrmtCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:21]
Rsvd2
R
0x0
Reserved
[20]
B32
R
0x0
32 bit audio formats are NOT supported
[19]
B24
R
0x1
24 bit audio formats are supported
[18]
B20
R
0x1
20 bit audio formats are supported
[17]
B16
R
0x1
16 bit audio formats are supported
[16]
B8
R
0x0
8 bit audio formats are NOT supported
[15:12]
Rsvd1
R
0x0
Reserved
[11]
R12
R
0x0
384 KHz rate (8/1*48 KHz) NOT supported
[10]
R11
R
0x0
192.0 KHz rate (4/1*48 KHz) NOT supported
[9]
R10
R
0x0
176.4 KHz rate (4/1*44.1 KHz) NOT supported
[8]
R9
R
0x1
96.0 KHz rate (2/1*48 KHz) supported
[7]
R8
R
0x1
88.2 KHz rate (2/1*44.1 KHz) supported
[6]
R7
R
0x1
48.0 KHz rate supported (REQUIRED)
[5]
R6
R
0x1
44.1 KHz rate supported
[4]
R5
R
0x0
32.0 KHz rate (2/3*48 KHz) NOT supported
[3]
R4
R
0x0
22.05 KHz rate (1/2*44.1 KHz) NOT supported
[2]
R3
R
0x0
16.0 KHz rate (1/3*48 KHz) NOT supported
[1]
R2
R
0x0
11.025 KHz rate (1/4*44.0 KHz) NOT supported
[0]
R1
R
0x0
8.0 KHz rate (1/6*48 KHz) NOT supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com